Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH376 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-ALH376
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH376 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-ALH376 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH376 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH376 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH376 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH376 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH376 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 171
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled
and matched to 50 Ohms.
2Vdd
Power Supply Voltage for the amplifier. See assembly for
required external components.
3RFOUT
This pad is AC coupled
and matched to 50 Ohms.
Die bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC-ALH376
v02.0209
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 35 - 45 GHz


Similar Part No. - HMC-ALH376

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
173Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
logo
Analog Devices
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376_1 Datasheet
173Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
More results

Similar Description - HMC-ALH376

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH376 HITTITE-HMC-ALH376 Datasheet
122Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
HMC-ALH376 HITTITE-HMC-ALH376_1 Datasheet
173Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 35 - 45 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH435 AD-HMC-ALH435 Datasheet
295Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH364 AD-HMC-ALH364 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com