Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-APH634_1007 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-APH634_1007
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-APH634_1007 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-APH634_1007 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-APH634_1007 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-APH634_1007 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-APH634_1007 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-APH634_1007 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-APH634_1007 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 1
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 81 - 86 GHz
v00.0110
General Description
Features
Functional Diagram
high Gain: 12 dB
high P1dB: +19 dBm
Bias supply: +4V
50 ohm matched input/output
Die size: 2.57 x 1.70 x 0.05 mm
Electrical Specifications
, T
A = +25° C, Vdd1=Vdd2 = 4V, Idd1+Idd2 = 240mA
[2]
Typical Applications
This hmC-aPh634 is ideal for:
• short haul / high Capacity Links
• wireless Lan Bridges
• military & space
• e-Band Communication systems
The hmC-aPh634 is a two stage Gaas hemT mmiC
medium Power amplifier which operates between
81 and 86 Ghz. The hmC-aPh634 provides 12
dB of gain, and an output power of up to +20 dBm
at 1 dB compression from a +4V supply. all bond
pads and the die backside are Ti/au metallized
and the amplifier device is fully passivated for reliable
operation. The hmC-aPh634 Gaas hemT mmiC
medium Power amplifier is compatible with conven-
tional die attach methods, as well as thermocomp-
ression and thermosonic wire bonding, making it
ideal for mCm and hybrid microcircuit applications.
all data shown herein is measured with the chip in
a 50 ohm environment and contacted with rf probes.
HMC-APH634
Parameter
min.
Typ.
max.
Units
frequency range
81 - 86
Ghz
Gain
7
12
dB
input return Loss
7
dB
output return Loss
8
dB
output power for 1dB Compression (P1dB)
19
dBm
supply Current (idd1+idd2)
240
ma
[1] Unless otherwise indicated, all measurements are from probed die.
[2] adjust Vgg1=Vgg2 between -0.8V to +0.3V (typ. -0.1V) to achieve iddtotal = 240ma


Similar Part No. - HMC-APH634_1007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
Analog Devices
HMC-APH634 AD-HMC-APH634 Datasheet
247Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results

Similar Description - HMC-APH634_1007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317_11 Datasheet
472Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
logo
Integrated Device Techn...
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com