Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-AUH232 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-AUH232
Description  GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-AUH232 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-AUH232_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 8Page - Hittite Microwave Corporation HMC-AUH232_09 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4
4 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BACKSIDE METALLIZATION: GOLD.
4. BACKSIDE METAL IS GROUND.
5. BOND PAD METALLIZATION: GOLD.
6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
7. OVERALL DIE SIZE ±.002”
Die Packaging Information [1]
Standard
Alternate
GP-1 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC-AUH232
v02.0209
GaAs HEMT MMIC MODULATOR
DRIVER AMPLIFIER, DC - 43 GHz


Similar Part No. - HMC-AUH232_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-AUH232_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH249 HITTITE-HMC-AUH249_10 Datasheet
2Mb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-AUH312 HITTITE-HMC-AUH312 Datasheet
232Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, 0.5 - 65 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5_10 Datasheet
985Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
HMC465 HITTITE-HMC465_10 Datasheet
610Kb / 8P
   GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com