Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-AUH256 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-AUH256
Description  GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-AUH256 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-AUH256_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-AUH256_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-AUH256_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-AUH256_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-AUH256_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-AUH256_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2
2 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-AUH256
v01.0208
GaAs HEMT MMIC DRIVER
AMPLIFIER, 17.5 - 41.0 GHz
Pad Number
Function
Pad Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohms.
2 - 5
Vdd1-4
Power supply voltage for amplifier. See Assembly Diagram
for required external components.
6
RFOUT
This pad is AC coupled and matched to 50 Ohms.
7 - 10
Vgg1-4
Gate control for amplifier. Please follow “MMIC Amplifier Bias-
ing Procedure” application note. See assembly for required
external components.
Die Bottom
GND
Die Bottom must be connected to RF/DC ground.
Pad Descriptions


Similar Part No. - HMC-AUH256_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH256 HITTITE-HMC-AUH256 Datasheet
232Kb / 4P
   GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
logo
Analog Devices
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
HMC-AUH256 AD-HMC-AUH256 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-AUH256_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH256 HITTITE-HMC-AUH256 Datasheet
232Kb / 4P
   GaAs HEMT MMIC DRIVER AMPLIFIER, 17.5 - 41.0 GHz
logo
Analog Devices
HMC-AUH256 AD-HMC-AUH256 Datasheet
420Kb / 6P
   GaAs HEMT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-AUH249 HITTITE-HMC-AUH249 Datasheet
336Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH312 HITTITE-HMC-AUH312 Datasheet
232Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, 0.5 - 65 GHz
HMC-AUH232 HITTITE-HMC-AUH232_09 Datasheet
400Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
HMC-AUH249 HITTITE-HMC-AUH249_10 Datasheet
2Mb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 35 GHz
HMC-AUH232 HITTITE-HMC-AUH232 Datasheet
212Kb / 5P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 43 GHz
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
   GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-ALH311 HITTITE-HMC-ALH311 Datasheet
193Kb / 6P
   GaAs HEMT MMIC LOW NOISE DRIVER AMPLIFIER, 22.0 - 26.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com