Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-AUH317 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-AUH317
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-AUH317 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-AUH317 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-AUH317 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-AUH317 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-AUH317 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-AUH317 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-AUH317 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 81 - 86 GHz
v04.0511
General Description
Features
Functional Diagram
Gain: 22 dB
p1dB: +17.5 dBm
supply Voltage: +4V
50 ohm matched input/output
Die size: 2.65 x 1.6 x 0.05 mm
Typical Applications
This hmC-AUh317 is ideal for:
• Short Haul / High Capacity Links
• Wireless LAN Bridges
• Military & Space
• E-Band Communication Systems
The hmC-AUh317 is a high dynamic range, three
stage GaAs hemT mmiC medium power Amplifier
which operates between 81 and 86 Ghz. The hmC-
AUh317 provides 22 dB of gain, and an output power
of +17.5 dBm at 1 dB compression from a +4V supply
voltage. All bond pads and the die backside are Ti/Au
metallized and the amplifier device is fully passivated
for reliable operation. The hmC-AUh317 GaAs
hemT mmiC medium power Amplifier is compatible
with conventional die attach methods, as well as
thermocompression and thermosonic wire bonding,
making it ideal for MCM and hybrid microcircuit
applications. All data shown herein is measured with
the chip in a 50 ohm environment and contacted with
rf probes.
HMC-AUH317
Electrical Specifications
, T
A = +25° C, Vdd1=Vdd2 = 4V, Idd1 = Idd2 = 80 mA
[2]
parameter
min.
Typ.
max.
Units
frequency range
81 - 86
Ghz
Gain
19
22
dB
input return loss
9
dB
output return loss
5
dB
output power for 1dB Compression (p1dB)
17.5
dBm
saturated output power (psat)
19.5
dBm
supply Current (idd1+idd2)
160
mA
[1] Unless otherwise indicated, all measurements are from probed die.
[2] Adjust Vgg1, Vgg2 independently between -0.8V to +0.3V (typically -0.1V) to achieve drain currents of idd1 = 80 mA and idd2 = 80 mA.
products and product information are subject to change without notice.


Similar Part No. - HMC-AUH317

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-AUH317 AD-HMC-AUH317 Datasheet
356Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results

Similar Description - HMC-AUH317

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
logo
Integrated Device Techn...
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
   81 GHz ??86 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com