Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-MDB169 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-MDB169
Description  GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-MDB169 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-MDB169_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
4 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs MMIC FUNDAMENTAL
MIXER, 54 - 64 GHz
v01.0209
General Description
Features
Functional Diagram
Passive Double Balanced Topology
High LO to RF Isolation: 30 dB
Low Conversion Loss: 8 dB
Wide IF Bandwidth: DC - 5 GHz
Die Size: 0.9 x 1.0 x 0.1 mm
Electrical Specifications,[1] T
A = 25 °C, IF = 2 GHz, LO = +13 dBm
Typical Applications
This HMC-MDB169 is ideal for:
• Short Haul / High Capacity Radios
• Point-to-Multi-Point Equipment
• Military Radar, ECM & EW
• SATCOM
The HMC-MDB169 is a passive Double Balanced
MMIC Mixer which utilizes GaAs Heterojunction Bipolar
Transistor (HBT) Shottky diode technology and can
be used as either an upconverter or a downconverter.
This compact mixer features wide IF bandwidth,
low conversion loss and high LO to RF and LO to IF
isolation. All bond pads and the die backside are Ti/Au
metallized and the Shottky devices are fully passivated
for reliable operation.
The HMC-MDB169 Double
Balanced Mixer is compatible with conventional die
attach methods, as well as thermocompression and
thermosonic wire bonding, making it ideal for MCM and
hybrid microcircuit applications. This compact MMIC
is a much smaller and more consistent alternative to
hybrid style double balanced mixer assemblies. All
data shown herein is measured with the chip in a 50
Ohm environment and contacted with RF probes.
HMC-MDB169
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
54 - 64
GHz
Frequency Range, IF
DC - 5
GHz
Conversion Loss
811
dB
LO to RF Isolation
30
dB
LO to IF Isolation
25
dB
RF to IF Isolation
25
dB
IP3 (Input)
13
dBm
1 dB Compression (Input)
4
dBm
[1] Unless otherwise indicated, all measurements are from probed die


Similar Part No. - HMC-MDB169_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
More results

Similar Description - HMC-MDB169_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
130Kb / 4P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com