Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-MDB169 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-MDB169
Description  GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-MDB169 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-MDB169_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-MDB169_09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
4 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC-MDB169
v01.0209
GaAs MMIC FUNDAMENTAL
MIXER, 54 - 64 GHz
Outline Drawing
Absolute Maximum Ratings
LO Drive
20 dBm
Storage Temperature
-65 °C to 150 °C
Operating Temperature
-55 °C to 85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. TYPICAL BOND PAD IS .004” SQUARE.
3. BACKSIDE METALLIZATION: GOLD.
4. BACKSIDE METAL IS GROUND.
5. BOND PAD METALLIZATION: GOLD.
6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
7. OVERALL DIE SIZE ±.002”
Die Packaging Information
[1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.


Similar Part No. - HMC-MDB169_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
More results

Similar Description - HMC-MDB169_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
130Kb / 4P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com