Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFF740 Datasheet(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFF740
Description  N-Channel Power MOSFET 10A, 400V, 0.55廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFF740 Datasheet(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFF740 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFF740 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Number: DB-203
March 2010, Revision B
Page 4
TAK CHEONG
®
SEMICONDUCTOR


Similar Part No. - TFF740

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF7N60 TAK_CHEONG-TFF7N60 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
TFF7N65 TAK_CHEONG-TFF7N65 Datasheet
300Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
More results

Similar Description - TFF740

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com