Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP4N60 Datasheet(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP4N60
Description  N-Channel Power MOSFET 4.1A, 600V, 2.5廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP4N60 Datasheet(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP4N60 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP4N60 Datasheet HTML 8Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Number: DB-183
July 2011, Revision B
Page 4
TAK CHEONG
®
SEMICONDUCTOR
Fig 10.
Fig 11.


Similar Part No. - TFP4N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP4N65 TAK_CHEONG-TFP4N65 Datasheet
325Kb / 8P
   N-Channel Power MOSFET 3.9A, 650V, 3.0廓
More results

Similar Description - TFP4N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF4N60 TAK_CHEONG-TFF4N60 Datasheet
337Kb / 8P
   N-Channel Power MOSFET 4.1A, 600V, 2.5廓
logo
Taiwan Semiconductor Co...
TSM4N60E TSC-TSM4N60E Datasheet
1Mb / 7P
   600V, 4A, 2.5廓 N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
Will Semiconductor Ltd.
WNMD2168 WILLSEMI-WNMD2168 Datasheet
1Mb / 7P
   Dual N-Channel, 20V, 4.1A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM60N380 TSC-TSM60N380 Datasheet
391Kb / 9P
   600V, 11A, 0.38廓 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N1R4 TSC-TSM60N1R4 Datasheet
545Kb / 7P
   600V, 3.3A, 1.4廓 N-Channel Power MOSFET
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Tak Cheong Electronics ...
TFF2N60A TAK_CHEONG-TFF2N60A Datasheet
303Kb / 8P
   N-Channel Power MOSFET 2.1A, 600V, 5.6廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com