Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP7N60 Datasheet(PDF) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP7N60
Description  N-Channel Power MOSFET 7A, 600V, 1.2廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP7N60 Datasheet(HTML) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP7N60 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP7N60 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Number: DB-186
March 2010, Revision B
Page 5
TAK CHEONG
®
SEMICONDUCTOR
栅极电荷量测试电路及波形图
开关时间测试电路及波形图
EAS 测试电路及波形图


Similar Part No. - TFP7N60

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
More results

Similar Description - TFP7N60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7ND60CI TSC-TSM7ND60CI Datasheet
402Kb / 6P
   N-Channel Power MOSFET 600V, 7A, 1.2廓
logo
Tak Cheong Electronics ...
TFF7N60 TAK_CHEONG-TFF7N60 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
logo
Unisonic Technologies
7N60A UTC-7N60A_11 Datasheet
250Kb / 7P
   7A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT7N60 AOSMD-AOT7N60_10 Datasheet
167Kb / 6P
   600V,7A N-Channel MOSFET
AOT7N60 AOSMD-AOT7N60 Datasheet
154Kb / 6P
   600V, 7A N-Channel MOSFET
AOD7N60 AOSMD-AOD7N60 Datasheet
393Kb / 6P
   600V,7A N-Channel MOSFET
logo
Shenzhen Luguang Electr...
7N60P LUGUANG-7N60P Datasheet
821Kb / 4P
   600V 7A N-Channel MOSFET
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com