Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP730 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP730
Description  N-Channel Power MOSFET 5.5A, 400V, 0.95廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP730 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP730 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP730 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Number: DB-189
March 2010, Revision B
Page 1
TAK CHEONG
®
SEMICONDUCTOR
N-Channel Power MOSFET
5.5A, 400V, 0.95Ω
General Description
The N-Channel MOSFET is used an advanced termination
scheme to provide enhanced voltage-blocking capability
without degrading performance over time. This advanced
technology has been especially tailored to minimize on-state
resistance, provide superior switching performance. This
device is well suited for high efficiency switched mode power
suppliers, active power factor correction, electronic lamp
ballasts based half bridge topology.
Features
Robust high voltage termination
Avalanche energy specified
Diode is characterized for use in bridge circuits
Source to Drain diode recovery time comparable to a
discrete fast recovery diode.
1 = Gate
2 = Drain
3 = Source
DEVICE MARKING DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
C =25°C, unless otherwise noted )
Symbol
Parameter
Value
Units
VDSS
Drain- Source Voltage
400
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current
5.5
A
IDM
Drain Current Pulsed
32
A
Power Dissipation
(Note 2)
87.5
W
PD
Derating factor above 25℃
0.7
W/℃
EAS
Single Pulsed Avalanche Energy
(Note 1)
303
mJ
EAR
Repetitive Avalanche Energy
(Note 2)
7.3
mJ
TJ
Operating Junction Temperature
150
Tstg
Storage Temperature Range
- 55 to +150
Notes:
1. L=16.5mH, IAS=5.7A, VDD=55V, RG=25Ω, Starting TJ=25℃
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
RθJC
Thermal Resistance, Junction-to-Case
1.43
/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
/W
1
2
3
TO-220AB
G
D
S
L xxyy
TFP
XXXX
L = Tak Cheong Logo
xxyy = Monthly Date Code
TFPXXXX = Device Type


Similar Part No. - TFP730

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
   N-Channel Power MOSFET 70A, 60V, 0.014廓
logo
Thinki Semiconductor Co...
TFP70N06 THINKISEMI-TFP70N06 Datasheet
1Mb / 7P
   70A,60V Heatsink Planar N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP7N60 TAK_CHEONG-TFP7N60 Datasheet
322Kb / 7P
   N-Channel Power MOSFET 7A, 600V, 1.2廓
TFP7N65 TAK_CHEONG-TFP7N65 Datasheet
321Kb / 8P
   N-Channel Power MOSFET 7.2A, 650V, 1.5廓
More results

Similar Description - TFP730

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Fairchild Semiconductor
FDD6N50F FAIRCHILD-FDD6N50F Datasheet
354Kb / 9P
   N-Channel MOSFET 500V, 5.5A, 1.15廓
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
International Rectifier
JANTX2N6760 IRF-JANTX2N6760 Datasheet
234Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=1.00ohm, Id=5.5A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com