Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFP830 Datasheet(PDF) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TFP830
Description  N-Channel Power MOSFET 4.5A, 500V, 1.50廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TFP830 Datasheet(HTML) 7 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TFP830 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd TFP830 Datasheet HTML 7Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Similar Part No. - TFP830

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP8N60 TAK_CHEONG-TFP8N60 Datasheet
762Kb / 8P
   N-Channel Power MOSFET 8A, 600V, 1.0廓
More results

Similar Description - TFP830

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
logo
Unisonic Technologies
UF830 UTC-UF830 Datasheet
307Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
   4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
logo
First Components Intern...
IRF830 FCI-IRF830 Datasheet
259Kb / 5P
   4.5A 500V N CHANNEL POWER MOSFET
IRF830FP FCI-IRF830FP Datasheet
405Kb / 5P
   4.5A 500V N CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com