Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1503B Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1503B
Description  HD Embedded Audio CODEC Data Sheet
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503B Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1503B Datasheet HTML 2Page - Gennum Corporation GS1503B Datasheet HTML 3Page - Gennum Corporation GS1503B Datasheet HTML 4Page - Gennum Corporation GS1503B Datasheet HTML 5Page - Gennum Corporation GS1503B Datasheet HTML 6Page - Gennum Corporation GS1503B Datasheet HTML 7Page - Gennum Corporation GS1503B Datasheet HTML 8Page - Gennum Corporation GS1503B Datasheet HTML 9Page - Gennum Corporation GS1503B Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
6 of 90
1.1 Pin Descriptions
Table 1-1: Pin Descriptions
Number
Symbol
Type
Description
1, 14, 27,
31, 37, 52,
60, 68, 73,
84, 97, 104,
109, 117,
125, 133
VDD
+3.3V power supply pins.
2
AIN7/8
I
Audio signal input for channels 7 and 8. AES/EBU digital audio data is bi-phase mark
encoded. For all non-AES/EBU input modes, bi-phase mark encoding is not required.
3
AIN5/6
I
Audio signal input for channels 5 and 6. AES/EBU digital audio data is bi-phase mark
encoded. For all non-AES/EBU input modes, bi-phase mark encoding is not required.
4
AIN3/4
I
Audio signal input for channels 3 and 4. AES/EBU digital audio data is bi-phase mark
encoded. For all non-AES/EBU input modes, bi-phase mark encoding is not required.
5
AIN1/2
I
Audio signal input for channels 1 and 2. AES/EBU digital audio data is bi-phase mark
encoded. For all non-AES/EBU input modes, bi-phase mark encoding is not required.
6
WCINB
I
48kHz word clock for channels 5 to 8. Used only when operating in Multiplex Mode
and when the audio source is not an AES/EBU data stream. This pin should be
grounded when inputting AES/EBU digital audio data or when operating in
Demultiplex Mode (DEC_MODE set LOW).
7
WCINA
I
48kHz word clock for channels 1 to 4. Used only when operating in Multiplex Mode
and when the audio source is not an AES/EBU data stream. This pin should be
grounded when inputting AES/EBU digital audio data or when operating in
Demultiplex Mode (DEC_MODE set LOW).
8
DSCBYPASS
I
Descrambler bypass. When set LOW, the internal SMPTE 292M descrambler is enabled.
When set HIGH, the internal SMPTE 292M descrambler is bypassed. The video input to
the device must be word aligned.
9
PLLCNTB
O
Audio clock PLL control signal for channels 5 to 8.
10
PLLCNTA
O
Audio clock PLL control signal for channels 1 to 4.
11
CASCADE
I
Cascade mode select. When set HIGH, the GS1503B will default to audio groups 3 and
4. Two GS1503B devices can then be cascaded in series to allow up to 16 channels of
audio to be multiplexed or demultiplexed (only one device requires CASCADE to be set
HIGH). When set LOW, the GS1503B will default to audio groups 1 and 2.
12
MUTE
I
Audio mute. In Multiplex Mode, when set HIGH, the embedded audio packets are
forced to '0'. In Demultiplex Mode, when set HIGH, the audio output data is forced to
"0".
13
ANCI
I
Ancillary data delete select. Valid in Demultiplex Mode only. When set HIGH, all
ancillary data packets are removed from both the Luma and Chroma channels of the
input video signal. The data contained in the packets are output at the corresponding
pins. When set LOW, all ancillary data packets remain in the video signal. See
Demultiplex Mode With Word Clock Input on page 73
.
15
MUX/DEMUX
I
Mode of operation. When set LOW, the GS1503B operates in Multiplex Mode.
When set HIGH, the GS1503B operates in Demultiplex Mode.


Similar Part No. - GS1503B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
GS1503-CFZ GENNUM-GS1503-CFZ Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
More results

Similar Description - GS1503B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com