Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1504 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS1504
Description  HDTV Adaptive Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1504 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS1504_04 Datasheet HTML 5Page - Gennum Corporation GS1504_04 Datasheet HTML 6Page - Gennum Corporation GS1504_04 Datasheet HTML 7Page - Gennum Corporation GS1504_04 Datasheet HTML 8Page - Gennum Corporation GS1504_04 Datasheet HTML 9Page - Gennum Corporation GS1504_04 Datasheet HTML 10Page - Gennum Corporation GS1504_04 Datasheet HTML 11Page - Gennum Corporation GS1504_04 Datasheet HTML 12Page - Gennum Corporation GS1504_04 Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
522 - 05 - 05
11 of 13
GS1504 / GS1508 INTERFACING
Figures 30 through 34 show the artwork for a four layer
printed circuit evaluation board for the GS1504. The
schematic is shown in Fig 29. An FR-4 dielectric can be
used, however, controlled impedance transmission lines are
required for PCB traces longer than approximately 1cm.
Note the following PCB artwork features used to optimize
performance:
PCB trace width for HD rate signals is closely matched
to SMT component width to minimize reflections due to
change in trace impedance.
The
PCB
ground
plane
is
removed
under
the
GS1504/GS1508
input
components
to
minimize
parasitic capacitance.
The
PCB
ground
plane
is
removed
under
the
GS1504/GS1508
output
components
to
minimize
parasitic capacitance.
High speed traces are curved to minimize impedance
changes.
A picture of the GS1504/08 PCB assembly is shown in
Figure 34.
Fig. 29 GS1504/08 Evaluation Board Assembly
SDO
SDO
C11
4µ7
C12
4µ7
C11 AND C12 ARE
TC3216 TANTALUM
CAPACITORS.
L2
12n
75
1p
1p
75
12n
R9
C17
C18
R10
L3
J4
EDGEMNT_BNC
J5
EDGEMNT_BNC
VCC
VCC
C10
100n
R7
75
R8
75
C15
10n
SDO
SDO
GND
V
CC
SDI
SDI
V
EE
R
SET
1
2
3
4
8
7
6
5
U2
GS1508
R11
53.6
R8
49.9
R7
49.9
C16
1n
J1
CLOSE
TO
MUTE
VCC
C20
10n
VCC
C4
10n
CD/MUTE
VCC
VEE
SDO
SDO
VEE
nc
nc
CLI
VCC
VEE
SDI
SDI
VEE
MCLADJ
nc
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C5
10n
TP3
CLI
VCC
C6
10n
R16
75
C7
47p
C8
47p
R15
37.5
L4 10n
R1
75
J2
VIDEO IN
R6
15k
R5
10k
R4
2k
1
2
J3
VCC
VCC
C1
C2
100n
C3
1n
TP1
VCC
TP2
GND
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.


Similar Part No. - GS1504_04

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1504-CKD GENNUM-GS1504-CKD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1504-CTD GENNUM-GS1504-CTD Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
logo
Pan Jit International I...
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
GS1504FL DAESAN-GS1504FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

Similar Description - GS1504_04

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1504 GENNUM-GS1504 Datasheet
293Kb / 12P
   HDTV Adaptive Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com