Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1574 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS1574
Description  Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574 Datasheet(HTML) 5 Page - Gennum Corporation

  GS1574_07 Datasheet HTML 1Page - Gennum Corporation GS1574_07 Datasheet HTML 2Page - Gennum Corporation GS1574_07 Datasheet HTML 3Page - Gennum Corporation GS1574_07 Datasheet HTML 4Page - Gennum Corporation GS1574_07 Datasheet HTML 5Page - Gennum Corporation GS1574_07 Datasheet HTML 6Page - Gennum Corporation GS1574_07 Datasheet HTML 7Page - Gennum Corporation GS1574_07 Datasheet HTML 8Page - Gennum Corporation GS1574_07 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
GS1574 Data Sheet
28854 - 5
May 2007
5 of 18
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5V to +3.6 VDC
Input ESD Voltage (Human Body Model)
500V
Storage Temperature Range
-50°C < Ts < 125°C
Input Voltage Range (any input)
-0.3 to (VCC +0.3)V
Operating Temperature Range
0°C to 70°C
Power Dissipation
300mW
Lead Temperature (soldering, 10 sec)
260°C
Table 2-1: DC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
Supply Voltage
VCC
3.135
3.3
3.465
V
±5%
Power Consumption
PD
TA = 25°C
265
mW
2
Supply Current
I
s
TA = 25°C
80
mA
1
Output Common Mode
Voltage
VCMOUT
TA = 25°C
VCC - ∆VSDO/2
V
7
Input Common Mode
Voltage
VCMIN
TA = 25°C
1.75
V
8
Floating MCLADJ DC
Voltage
–0m, TA = 25°C
1.3
V
7
MCLADJ Range
TA = 25°C
0.69
V
7
Mute Input Voltage
Required to Force Outputs
to Mute
VMute
Min to Mute
3.0
V
7
Mute Input Voltage
Required to Force Outputs
Active
VMute
Max to
Activate
––
2.0
V
7


Similar Part No. - GS1574_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results

Similar Description - GS1574_07

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com