Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1560ACF Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS1560ACF
Description  HD-LINX II Dual-Rate Deserializer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1560ACF Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS1560ACF Datasheet HTML 3Page - Gennum Corporation GS1560ACF Datasheet HTML 4Page - Gennum Corporation GS1560ACF Datasheet HTML 5Page - Gennum Corporation GS1560ACF Datasheet HTML 6Page - Gennum Corporation GS1560ACF Datasheet HTML 7Page - Gennum Corporation GS1560ACF Datasheet HTML 8Page - Gennum Corporation GS1560ACF Datasheet HTML 9Page - Gennum Corporation GS1560ACF Datasheet HTML 10Page - Gennum Corporation GS1560ACF Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
GS1560A/GS1561 HD-LINX® II Dual-Rate Deserializer
Data Sheet
27360 - 12
June 2009
7 of 79
1.2 Pin Assignment GS1561
GS1561
CORE_GND
FW_EN/DIS
CANC
YANC
CORE_VDD
DOUT19
DOUT18
DOUT1
DOUT0
IO_GND
IO_VDD
PCLK
MASTER/SLAVE
LOCKED
VCO
VCO
VCO_GND
VCO_VCC
LF
CP_CAP
LB_CONT
CP_GND
61
62
63
64
60
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
RSV
12
3
4
5
6
7
8
9
10
1112 1314 15 16
17 18 19 20
59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
CORE_VDD
H
V
F
CORE_GND
FIFO_LD
DATA_ERRO
SCLK_TCK
SDIN_TDI
SDOUT_TDO
CS_TMS
JTAG/HOST
RESET_TRST
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
NC
NC
NC
NC


Similar Part No. - GS1560ACF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
More results

Similar Description - GS1560ACF

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com