Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1561-CFE3 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS1561-CFE3
Description  HD-LINX II Dual-Rate Deserializer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1561-CFE3 Datasheet(HTML) 3 Page - Gennum Corporation

  GS1561-CFE3 Datasheet HTML 1Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 2Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 3Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 4Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 5Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 6Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 7Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 8Page - Gennum Corporation GS1561-CFE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
GS1560A/GS1561 HD-LINX® II Dual-Rate Deserializer
Data Sheet
27360 - 12
June 2009
3 of 79
Revision History
Contents
Key Features........................................................................................................................................................1
Applications.........................................................................................................................................................1
Description...........................................................................................................................................................1
Functional Block Diagrams ............................................................................................................................2
1. Pin Out...............................................................................................................................................................6
1.1 Pin Assignment GS1560A ...............................................................................................................6
1.2 Pin Assignment GS1561 ..................................................................................................................7
1.3 Pin Descriptions .................................................................................................................................8
2. Electrical Characteristics ......................................................................................................................... 19
2.1 Absolute Maximum Ratings........................................................................................................ 19
2.2 DC Electrical Characteristics ...................................................................................................... 19
2.3 AC Electrical Characteristics ...................................................................................................... 21
3. Input/Output Circuits ............................................................................................................................... 24
3.1 Host Interface Map......................................................................................................................... 26
3.1.1 Host Interface Map (R/W Configurable Registers) ................................................. 27
3.1.2 Host Interface Map (Read Only Registers) ................................................................ 28
4. Detailed Description.................................................................................................................................. 29
Version
ECR
PCN
Date
Changes and / or Modifications
12
152053
June 2009
Removed ‘Proprietary & Confidential’ from the footer.
11
150195
50711
July 2008
DVB_ASI operation specification change in Master mode.
10
143666
42774
January 2007
Recommended the new GO1555 VCO for new designs.
9
140423
39452
May 2006
Corrected minor typing errors in Functional Block Diagram. Modified
video format numbers for system 1125 on Table 4-4: Switch Line
Position for Digital Systems.
8
137405
September 2005
Conversion to Data Sheet. Added note on max device power and
current to Table 2-1: DC Electrical Characteristics. Corrected Solder
Reflow Profile labels.
7
136978
June 2005
Restored missing overlines to pin names. Corrected missing TERM pin
in Serial Digital Input connection diagram. Rephrased RoHS
compliance statement.
6
134906
April 2005
Added Solder Reflow Profile description. Clarified setting of
VD_STD[4:0], INT_PROG and STD_LOCK bits following a reset and/or
removal of input. Minor correction to Typical Application Circuits for
both parts. Added DVB-ASI Packet Counter information. Added
Packaging Data section. Changed ‘Green’ references to RoHS
Compliant.


Similar Part No. - GS1561-CFE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
More results

Similar Description - GS1561-CFE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com