Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4881 Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS4881
Description  Monolithic Video Sync Separators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881 Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS4881 Datasheet HTML 3Page - Gennum Corporation GS4881 Datasheet HTML 4Page - Gennum Corporation GS4881 Datasheet HTML 5Page - Gennum Corporation GS4881 Datasheet HTML 6Page - Gennum Corporation GS4881 Datasheet HTML 7Page - Gennum Corporation GS4881 Datasheet HTML 8Page - Gennum Corporation GS4881 Datasheet HTML 9Page - Gennum Corporation GS4881 Datasheet HTML 10Page - Gennum Corporation GS4881 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
GS1881, GS4881, GS4981 Monolithic Video Sync
Separators
Data Sheet
6926 - 5
November 2009
7 of 29
Proprietary & Confidential
(a) Delay from Rising Edge of Sync
CL = 15p
400
500
650
ns
(b) Pulse Width
2.0
2.5
3.2
μs
(c) Occurrence Rate
H
H
H
Vertical Sync Out (Pin 3)
(a) Pulse Width
Serrations during vertical interval
197.7
197.7
197.7
μs
(b) Default Starting Time
No serrations during vertical interval
48
65
82
μs
Horizontal Sync Out (Pin 7)
(a) Delay From Video
CL = 15p
90
190
290
ns
(b) Pulse Width
5.0
7.0
9.0
μs
Horizontal Scan Rate
Modified RSET
15
130
kHz
Logic Outputs
(a) VOH
Ι OH = 40μAVCC = 5V
4.2
4.6
V
VCC = 12V
11.2
11.6
V
Ι OH =
1.6mA
VCC = 5V
2.4
3.4
V
See Note 3.
VCC = 12V
9.4
10.4
V
(b) VOL
Ι OL = 1.6mA
0.3
0.6
V
NOTES:
1. When placing the RSET resistor and the 0.1μF decoupling capacitor, careful attention should be made to ensure that they are as close as
possible to Pin 6. Care should also be taken to avoid parasitic capacitive coupling from any output pin (Pins 1, 3, 5 and 7) to Pin 6.
2. Measured from slicing point of input falling edge to 50% point of composite sync falling edge.
3. Applies only to composite sync, vertical sync, and back porch outputs. Horizontal sync has a passive 10k
Ω pull-up to VCC.
Table 2-3: GS4981 Electrical Characteristics (Continued)
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - GS4881

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CDA GENNUM-GS4881-CDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CKA GENNUM-GS4881-CKA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-CTA GENNUM-GS4881-CTA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4881-IDA GENNUM-GS4881-IDA Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
More results

Similar Description - GS4881

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
279Kb / 14P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com