Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VAR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VAR
Description  Ultra High Precision, Z-Foil Audio Resistor Minimizes Noise and Distortion in the Signal Path
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VAR Datasheet(HTML) 5 Page - Vishay Siliconix

  VAR_10 Datasheet HTML 1Page - Vishay Siliconix VAR_10 Datasheet HTML 2Page - Vishay Siliconix VAR_10 Datasheet HTML 3Page - Vishay Siliconix VAR_10 Datasheet HTML 4Page - Vishay Siliconix VAR_10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vishay Precision Group
Document No.: 63999
Revision: 27-Apr-11
www.vishaypg.com
1
Legal Disclaimer Notice
ALL PRODUCTS, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE.
Vishay Precision Group, Inc., its affiliates, agents, and employees, and all persons acting on its or their
behalf (collectively, “Vishay Precision Group”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained herein or in any other disclosure relating to any product.
The product specifications do not expand or otherwise modify Vishay Precision Group’s terms and conditions of
purchase, including but not limited to, the warranty expressed therein.
Vishay Precision Group makes no warranty, representation or guarantee other than as set forth in the terms
and conditions of purchase.
To the maximum extent permitted by applicable law, Vishay Precision Group
disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability,
including without limitation special, consequential or incidental damages, and (iii) any and all implied
warranties, including warranties of fitness for particular purpose, non-infringement and merchantability.
Information provided in datasheets and/or specifications may vary from actual results in different applications
and performance may vary over time. Statements regarding the suitability of products for certain types of
applications are based on Vishay Precision Group’s knowledge of typical requirements that are often placed on
Vishay Precision Group products. It is the customer’s responsibility to validate that a particular product with the
properties described in the product specification is suitable for use in a particular application.
No license, express, implied, or otherwise, to any intellectual property rights is granted by this document, or by
any conduct of Vishay Precision Group.
The products shown herein are not designed for use in life-saving or life-sustaining applications unless otherwise
expressly indicated. Customers using or selling Vishay Precision Group products not expressly indicated for use
in such applications do so entirely at their own risk and agree to fully indemnify Vishay Precision Group for any
damages arising or resulting from such use or sale. Please contact authorized Vishay Precision Group personnel
to obtain written terms and conditions regarding products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.
Legal Disclaimer Notice
Disclaimer
Document No.: 63999
Revision: 27-Apr-11


Similar Part No. - VAR_10

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-AK TDK-VAR-18030053M3P-AK Datasheet
222Kb / 2P
   Ring Varistors
VAR-18030053M3P-K TDK-VAR-18030053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18042032Y3P-K TDK-VAR-18042032Y3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18042053M3P-K TDK-VAR-18042053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results

Similar Description - VAR_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
VAR VISHAY-VAR Datasheet
115Kb / 4P
   Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
Revision: 12-Feb-08
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
   Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
Revision: 28-Feb-08
VHP203 VISHAY-VHP203 Datasheet
121Kb / 5P
   Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Revision: 06-May-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 26-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com