Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS4915 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS4915
Description  ClockCleaner
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4915 Datasheet(HTML) 1 Page - Gennum Corporation

  GS4915 Datasheet HTML 1Page - Gennum Corporation GS4915 Datasheet HTML 2Page - Gennum Corporation GS4915 Datasheet HTML 3Page - Gennum Corporation GS4915 Datasheet HTML 4Page - Gennum Corporation GS4915 Datasheet HTML 5Page - Gennum Corporation GS4915 Datasheet HTML 6Page - Gennum Corporation GS4915 Datasheet HTML 7Page - Gennum Corporation GS4915 Datasheet HTML 8Page - Gennum Corporation GS4915 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1 of 27
GS4915 ClockCleaner™
Data Sheet
39145 - 5
June 2009
GS4915 ClockCleaner™
www.gennum.com
Key Features
• Reduces jitter for clocks of 148.5MHz,
148.5/1.001MHz, 74.25MHz, 74.25/1.001MHz and
27MHz
• Output jitter as low as 20ps peak to peak
• Automatic bypass mode for all other clock rates
• Loop bandwidth adjustable as low as 2kHz
• Output skew control
• Input selectable as differential or single-ended
• Both single-ended and differential outputs
• Uses the GO1555 VCO
• Small 6mm x 6mm 40-pin QFN package
• Pb-free and RoHS compliant
Applications
High definition video systems. Digital video recording,
playback, processing and display devices.
Description
The GS4915 provides a low jitter clock output when fed
with an HD or SD video clock input. Other input clock
frequencies between 12MHz and 165MHz can be
automatically passed through to the GS4915 outputs.
An internal 2:1 mux allows the user to select between a
differential or single-ended (LVCMOS) input clock. Both a
single-ended LVCMOS- compatible and an
LVDS-compatible differential output are provided.
The GS4915 may operate in either auto or fixed frequency
mode. In auto mode, the device will automatically clean the
selected input clock if its frequency is found to be one of the
supported SD or HD clock rates. In fixed mode, the user
selects only one of these frequencies to be cleaned.
In addition, the device allows the user to select between
auto or manual bypass operation. In autobypass mode, the
GS4915 will automatically bypass its cleaning stage and
pass the input clock signal directly to the output whenever
the device is unlocked, which includes the case where the
input frequency is something other than the five
frequencies supported. In manual bypass mode, the input
signal passes through directly to the output.
The GS4915 can optionally double the output frequency for
74.25MHz or 74.175MHz HD clocks in order to provide
optimal jitter performance of some serializers.
The GS4915 also provides the user with a 2-state skew
control. The output clocks produced by the device may be
advanced by ¼ of an output CLK period in order to
accommodate downstream setup and hold requirements.
The GS4915 is designed to operate with the GO1555 VCO.
The GS4915 Clock Cleaner complements Gennum's
GS4911B Clock and Timing Generator for implementing a
video genlock solution. Whereas the GS4911B itself cleans
low-frequency jitter, the GS4915 is designed to clean
primarily the higher frequency jitter of clocks generated by
the GS4911B.


Similar Part No. - GS4915

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915-INE3 GENNUM-GS4915-INE3 Datasheet
648Kb / 26P
   ClockCleaner?
More results

Similar Description - GS4915

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com