Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7025-CQME3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS7025-CQME3
Description  PRO-LINX Serial Digital Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CQME3 Datasheet(HTML) 4 Page - Gennum Corporation

  GS7025-CQME3 Datasheet HTML 1Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 2Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 3Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 4Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 5Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 6Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 7Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 8Page - Gennum Corporation GS7025-CQME3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS7025 PRO-LINX™ Serial Digital Receiver
Data Sheet
13813 - 7
October 2009
4 of 23
1.2 GS7025 Pin Descriptions
Table 1-1: GS7025 Pin Descriptions
Pin Number
Name
Type
Description
1, 2
DDI/DDI
I
Digital data inputs (Differential ECL/PECL).
3, 44
VCC_75
I
Power supply connection for internal 75Ω pullup resistors connected to DDI/DDI.
4, 8, 13, 22, 35
VCC
I
Most positive power supply connection.
5, 9, 14, 18, 27,
30, 33, 34, 37
VEE
I
Most negative power supply connection.
6, 7
SDI/SDI
I
Differential analog data inputs.
10
CD_ADJ
I
Carrier detect threshold adjust.
11, 12
AGC-,
AGC+
I
External AGC capacitor. Vcommon mode = 2.7V typ.
15, 16, 17
LF+, LFS,
LF-
I
Loop filter component connection.
19
RVCO_RTN
I
RVCO Return. Frequency setting resistor return connection.
20
RVCO
I
Frequency setting resistor connection.
21
CBG
I
Internal bandgap voltage filter capacitor.
23, 25, 26
nc
-
No connect - Do not connect to power or ground. Leave floating.
24
RSV1
I
Reserved pin 1. Always set HIGH.
28, 29
SCO/SCOO
Serial clock output. SCO/SCO are differential current mode outputs and require
external 75Ω pullup resistors.
31, 32
SDO/SDO
O
Equalized and reclocked serial digital data outputs. SDO/SDO are differential current
mode outputs and require external 75Ω pullup resistors.
36
CLK_EN
I
Clock enable. When HIGH, the serial clock outputs are enabled.
38
COSC
I
Timing control capacitor for internal system clock.
39
LOCK
O
Lock indication. When HIGH, the GS7025 is locked. LOCK is an open collector output
and requires an external 10kΩ pullup resistor.
40
SSI/CDO
Signal strength indicator/Carrier detect.
41
A/D
I
Analog/Digital select.
42
MOD
I
270 Mb/s modulus select - always set HIGH.
43
OEM_TEST
O
Output ‘Eye’ monitor test. Single-ended current mode output that requires an
external 50Ω pullup resistor. This feature is recommended for debugging purposes
only. If enabled during normal operation, the maximum operating temperature is
rated to 60°C. For maximum cable length performance the OEM_TEST must be
disabled.


Similar Part No. - GS7025-CQME3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7025-CQM GENNUM-GS7025-CQM Datasheet
134Kb / 13P
   Serial Digital Receiver
More results

Similar Description - GS7025-CQME3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com