Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7032-CVME3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS7032-CVME3
Description  Digital Video Serializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032-CVME3 Datasheet(HTML) 6 Page - Gennum Corporation

  GS7032-CVME3 Datasheet HTML 1Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 2Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 3Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 4Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 5Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 6Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 7Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 8Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
14583 - 04
6 of 9
TYPICAL PERFORMANCE CURVES
(V
S = 5V, TA = 25°C unless otherwise shown. Guard band tested to 70°C only.)
Fig. 1 Rise/Fall Times vs. Temperature
Fig. 2 Supply Current vs. Temperature (SDO ON)
Fig. 3a Output Swing vs. Temperature (1000mV)
Fig. 3b Output Swing vs. Temperature (800mV)
Fig. 4 Waveforms
Fig. 5 Timing Diagram
5.25 FALL
4.75 RISE
5.0 RISE
5.0 FALL
5.25 RISE
4.75 FALL
020
40
6080
500
490
480
470
460
450
440
430
420
TEMPERATURE (˚C)
4.75
5.0
5.25
020
40
6080
155
150
145
140
135
130
125
TEMPERATURE (˚C)
4.75
5.0
5.25
020
40
6080
1.01
1.005
1.000
0.995
0.99
TEMPERATURE (˚C)
4.75
5.0
5.25
020
40
6080
0.8075
0.805
0.8025
0.800
0.7975
0.795
0.7925
TEMPERATURE (˚C)
tSU
tHOLD
tCLKL = tCLKH
PARALLEL
CLOCK
PLCK
50%
PARALLEL
DATA
PDn
E
A
V
S
A
V
ACTIVE
VIDEO
4:2:2
DATA
STREAM
E
A
V
S
A
V
H
BLNK
H
BLNK
SYNC
DETECT
SYNC
DETECT
XXX 3FF 000 000 XXX •••
•••
XXX 3FF 000 000 XXX •••
PCLK IN
PDN


Similar Part No. - GS7032-CVME3

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS7032 GSI-GS7032 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10 GSI-GS70328SJ-10 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10I GSI-GS70328SJ-10I Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10IT GSI-GS70328SJ-10IT Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
More results

Similar Description - GS7032-CVME3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com