Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9001 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9001
Description  EDH Coprocessor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9001 Datasheet(HTML) 3 Page - Gennum Corporation

  GS9001 Datasheet HTML 1Page - Gennum Corporation GS9001 Datasheet HTML 2Page - Gennum Corporation GS9001 Datasheet HTML 3Page - Gennum Corporation GS9001 Datasheet HTML 4Page - Gennum Corporation GS9001 Datasheet HTML 5Page - Gennum Corporation GS9001 Datasheet HTML 6Page - Gennum Corporation GS9001 Datasheet HTML 7Page - Gennum Corporation GS9001 Datasheet HTML 8Page - Gennum Corporation GS9001 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
521 - 38 - 04
NOT
RECOMMENDED
FOR
NEW
DESIGNS
DIN9
(MSB)
(MSB)
(LSB)
(LSB)
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
CLK
GS9001
TOP VIEW
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
DOUT9
DOUT8
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
INTERRUPT
Fig. 1 GS9001 EDH Coprocessor Pin Connections
Input S1
Input S0
Output FL1
Output FL0
00
EDA Full Field
EDH Full Field
01
UES (See Note)
EDH Active Picture
10
EDA Ancillary
EDH Ancillary
11
IDA (See Note)
IDH (See Note)
NOTE:
The UES, IDH and IDA flags that appear on pins FL0 and FL1 as shown in Table 2, represent the sum of each
corresponding flag for active picture, full field and ancillary. UES indication can also be used to identify the absence
of EDH implementation in the upstream equipment.
Table 1. Selection of Field and Video standard signals on F2, F1, F0 pins
Table 2. Selection of Error status flags to display
Input
Output F2
Output F1
Output F0
Field/Std
0
NTSC (0) / PAL (1)
D1 (0) / D2 (1)
*
13.5 MHz Y (0) / 18 MHz Y (1)
1
Field Bit 2
Field Bit 1
Field Bit 0
*D1: 4:2:2 sampling
D2: 4ƒ
sc
sampling


Similar Part No. - GS9001

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
   EDH COPROCESSOR
GS9001-CQM GENNUM-GS9001-CQM Datasheet
211Kb / 14P
   EDH COPROCESSOR
GS90015BCPJE3 GENNUM-GS90015BCPJE3 Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
More results

Similar Description - GS9001

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
   EDH COPROCESSOR
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
   Voice Coprocessor
logo
National Semiconductor ...
CS1301 NSC-CS1301 Datasheet
326Kb / 25P
   Media Coprocessor
logo
Analog Devices
ADMC201 AD-ADMC201_15 Datasheet
589Kb / 15P
   Motion Coprocessor
REV. B
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
   MATH COPROCESSOR
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
   Math Coprocessor
logo
Analog Devices
ADMC200 AD-ADMC200 Datasheet
134Kb / 12P
   Motion Coprocessor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com