Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9023B Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS9023B
Description  Embedded Audio CODEC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9023B Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS9023B Datasheet HTML 6Page - Gennum Corporation GS9023B Datasheet HTML 7Page - Gennum Corporation GS9023B Datasheet HTML 8Page - Gennum Corporation GS9023B Datasheet HTML 9Page - Gennum Corporation GS9023B Datasheet HTML 10Page - Gennum Corporation GS9023B Datasheet HTML 11Page - Gennum Corporation GS9023B Datasheet HTML 12Page - Gennum Corporation GS9023B Datasheet HTML 13Page - Gennum Corporation GS9023B Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
GS9023B GENLINX® II GS9023B Embedded Audio
CODEC
Data Sheet
37954 - 2
December 2009
10 of 56
Proprietary & Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
I/O Supply Voltage
-0.3 to 7.0V
Internal Supply Voltage
-0.3 to 4.0V
Input Voltage (any input)
-0.3 to VDDIO + 0.5V
Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Table 2-1: DC Electrical Characteristics
TA = 0°C to 70°C unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
I/O Supply Voltage
VDDIO
5V Operating range
4.75
5.00
5.25
V
I/O Supply Current
IDDIO
VDDIO = 5V; PCLK = 54.0 MHz
25
mA
I/O Supply Current
IDDIO
VDDIO = 5V; PCLK = 27.0 MHz
18
mA
I/O Supply Voltage
VDDIO
3.3V Operating range
3.00
3.30
3.60
V
Internal Supply Voltage
VDDINT
3.00
3.30
3.60
V
Internal Supply Current
IDDINT
PCLK = 54.0 MHz
67
mA
Internal Supply Current
IDDINT
PCLK = 27.0 MHz
37
mA
Input Current
Ι
IN
–-1
1
μA
Hi-Z Output Leakage
Current
Ι
OZ
–-1
1
μA
Output Voltage, Logic High
VOH
Ι
OH = -3mA
VDDIO - 0.4
V
Output Voltage, Logic Low
VOL
Ι
OL = 3mA
0.4
V
Input Voltage, Logic High
VIH
VDDIO = Max (5.25V or 3.6V)
2.0
V
Input Voltage, Logic Low
VIL
VDDIO = Min. (4.75V or 3.0V)
0.8
V
Input Capacitance
CI
ƒ = 1MHz, V
DDIO = 0V
10
pF


Similar Part No. - GS9023B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
GS9023-CFY ETC-GS9023-CFY Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
GS9023ACFY GENNUM-GS9023ACFY Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
More results

Similar Description - GS9023B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
   HD EMBEDDED AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
logo
Analog Devices
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Gennum Corporation
GS9023A GENNUM-GS9023A Datasheet
515Kb / 37P
   GENLINX -TM II GS9023A Embedded Audio CODEC
logo
Texas Instruments
PCM3070 TI-PCM3070_15 Datasheet
1Mb / 49P
[Old version datasheet]   PCM3070 Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com