Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK-EM2-7960R Datasheet(PDF) 2 Page - Texas Instruments

Part # DK-EM2-7960R
Description  13.56 MHz RFID Protocol on Stellaris짰
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DK-EM2-7960R Datasheet(HTML) 2 Page - Texas Instruments

  DK-EM2-7960R Datasheet HTML 1Page - Texas Instruments DK-EM2-7960R Datasheet HTML 2Page - Texas Instruments DK-EM2-7960R Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Texas Instruments • 108 Wild Basin, Suite 350 • Austin, TX 78746
http://www.ti.com/stellaris
Copyright © 2010–2011 Texas Instruments, Inc. All rights reserved. Stellaris and StellarisWare
are registered trademarks of Texas Instruments. ARM and Thumb are registered trademarks,
and Cortex is a trademark of ARM Limited. Other names and brands may be claimed as the
property of others.
PB-DK-EM2-7960R-01
July 2, 2011
Ordering Information
The RFID software provided for this kit is provided in both
binary and source code form. Because RFID software
contains security features, it is subject to U.S. Export
Controls. After approval, a one-time download link will be
provided to download the software. More information about
getting pre-approved before purchasing a kit can be found
at www.ti.com/stellariswireless.
TI's TRF7960TB HF RFID Reader Module, Stellaris EM2
Expansion Board, and DK-LM3S9x96 Development Kit
Product Number
Description
DK-EM2-7960R
Stellaris® 13.56 MHz RFID Wireless Kit (includes
DK-LM3S9B96-EM2 Expansion Board)
The DK-EM2-7960R works with either of these two Stellaris Development
Kits (each sold separately)
DK-LM3S9B96
Stellaris® LM3S9B96 Microcontroller
Development Kit (Tempest class)
DK-LM3S9D96
Stellaris® LM3S9D96 Microcontroller
Development Kit (Firestorm class)
Extended Protocol Support
This kit ships with a download link for RFID software. The
underlying RFID radio solution can be software-extended
to all TRF7960TB-supported protocols:
ISO 14443B (Proximity Cards)
ISO 15693 (Vicinity Cards)
ISO 18000-3 (Item Management)
Tag-it™ (Smart Labels)
Texas Instruments will be providing Stellaris-based
solutions for all of these protocols. To be notified when
protocols are added to the kit, go to the web site at
www.ti.com/stellariswireless and select “Alert me about
changes to this product” in the upper right corner of the
page.
For more information on Stellaris wireless solutions: www.ti.com/stellariswireless
13.56 MHz RFID Protocol on
Stellaris® (continued)


Similar Part No. - DK-EM2-7960R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DK-EM2-2500S TI-DK-EM2-2500S Datasheet
166Kb / 3P
[Old version datasheet]   2.4 GHz SimpliciTI??Protocol on Stellaris짰
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
[Old version datasheet]   2.4 GHz ZigBee Wireless Networking on Stellaris짰
DK-EM2-2560B TI-DK-EM2-2560B Datasheet
110Kb / 2P
[Old version datasheet]   Bluetooth짰 Wireless Kit
DK-EM2-2560B TI1-DK-EM2-2560B Datasheet
361Kb / 10P
[Old version datasheet]   Stellaris짰 2.4 GHz CC2560 Bluetooth짰 Wireless Kit
More results

Similar Description - DK-EM2-7960R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
DK-EM2-2500S TI-DK-EM2-2500S Datasheet
166Kb / 3P
[Old version datasheet]   2.4 GHz SimpliciTI??Protocol on Stellaris짰
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
SparkFun Electronics
SEN-10128 SPARKFUN-SEN-10128 Datasheet
147Kb / 1P
   RFID Tag ??Transparent MIFARE Classic짰 1K (13.56 MHz)
5??6??7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com