Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9024-CTBE3 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9024-CTBE3
Description  Automatic Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CTBE3 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9024-CTBE3 Datasheet HTML 7Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 8Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 9Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 10Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 11Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 12Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 13Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 14Page - Gennum Corporation GS9024-CTBE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
11 of 16
5. Detailed Description
The GS9024 Automatic Cable Equalizer is a bipolar integrated circuit designed to
equalize serial digital data signals between 30Mbps and 622Mbps. Powered from
a single +5V or -5V supply, the device consumes approximately 240mW of power.
The serial data signal is connected to the input pins
(SDI/SDI) either differentially
or single ended. The input signal passes through a variable gain equalizing stage
whose frequency response closely matches the inverse cable loss characteristic.
In addition, the variation of the frequency response with control voltage imitates the
variation of the inverse cable loss characteristic with cable length. The gain stage
provides up to 40dB of gain at 200MHz which will typically result in equalization of
greater than 350m at 270Mb/s of Belden 8281 cable.
The edge energy of the equalized signal is monitored by a detector circuit which
produces an error signal corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is integrated by an external
differential AGC filter capacitor (AGC+/AGC-) providing a steady control voltage for
the gain stage. As the frequency response of the gain stage is automatically varied
by the application of negative feedback, the edge energy of the equalized signal is
kept at a constant level which is representative of the original edge energy at the
transmitter.
The equalized signal is DC restored, thereby restoring its logic threshold to its
corrective level regardless of shifts due to AC coupling. The digital output signals
have PECL voltage levels (800mV) and are available at pins SDO and SDO.
5.1 Output HIGH Z
A HIGH Z pin allows the data outputs to be put into a high impedance state which
disconnects them from the output traces. This feature is ideal for input expansion
in router applications as it eliminates the need for input muxes or crosspoints.
NOTE: The high impedance feature will only take effect if the device outputs are
not muted.
5.2 Signal Strength Indication/Carrier Detect
The GS9024 incorporates an analog signal strength indicator/carrier detect output
(SSI/CD) which indicates both the presence of a carrier and the amount of
equalization applied to the signal. The voltage output of this pin versus cable length
(signal strength) is shown in Figure . With 0m of cable (800mV input signal levels),
the SSI/CD output voltage is approximately 4.5V.
As the cable length increases, the SSI/CD voltage decreases linearly providing
accurate correlation between the SSI/CD voltage and cable length.


Similar Part No. - GS9024-CTBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024-CTB GENNUM-GS9024-CTB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
More results

Similar Description - GS9024-CTBE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com