Electronic Components Datasheet Search |
|
GY4102A Datasheet(PDF) 5 Page - Gennum Corporation |
|
GY4102A Datasheet(HTML) 5 Page - Gennum Corporation |
5 / 11 page GY4102A Fast Toggling Video Switch Data Sheet 13408 - 4 November 2009 5 of 11 Proprietary & Confidential STATIC Analog Input Bias Current Ι BIAS Selected Channel – 12 30 μA Deselected Channel – 26 60 μA Signal Voltage Swing VSIG Extremes before clipping occurs -1.5 – +3 V Output Offset Voltage VOS TA = 25°C -6 +4 +14 mV Output Offset Voltage VOSCH-CH TA = 25°C channel to channel –1 5 μA Output Offset Drift ΔVOS/T – – +93 +200 μV/°C DYNAMIC Input Resistance RIN Channel On 500 – – k Ω Input Capacitance CIN Channel On 1.3 – – pF Frequency Response Flatness – DC - 100MHz RS = 33Ω –±0.2– dB DC - 8MHz RS = 33Ω – ±0.01 dB Insertion Loss IL f = 1MHz – 0.04 – dB Differential Gain dg f = colorburst 3.58 or 4.43MHz –0.03– % Differential Phase dp f = colorburst 3.58 or 4.43MHz – 0.01 – degrees Crosstalk (all hostile) XTALKAH f = 10MHz See Figure 3-3. 75 80 – dB Slew Rate +SR VIN = 2Vp-p TA = 25°C 400 620 – V/ μs -SR 250 330 – V/ μs Table 2-2: Electrical Characteristics (Continued) Parameter Symbol Conditions Min Typ Max Units |
Similar Part No. - GY4102A |
|
Similar Description - GY4102A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |