Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GY4102ACKA Datasheet(PDF) 6 Page - Gennum Corporation

Part # GY4102ACKA
Description  Fast Toggling Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GY4102ACKA Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GY4102ACKA Datasheet HTML 2Page - Gennum Corporation GY4102ACKA Datasheet HTML 3Page - Gennum Corporation GY4102ACKA Datasheet HTML 4Page - Gennum Corporation GY4102ACKA Datasheet HTML 5Page - Gennum Corporation GY4102ACKA Datasheet HTML 6Page - Gennum Corporation GY4102ACKA Datasheet HTML 7Page - Gennum Corporation GY4102ACKA Datasheet HTML 8Page - Gennum Corporation GY4102ACKA Datasheet HTML 9Page - Gennum Corporation GY4102ACKA Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GY4102A Fast Toggling Video Switch
Data Sheet
13408 - 4
November 2009
6 of 11
Proprietary & Confidential
2.3 Switching Characteristics
Table 2-3 shows the switching characteristics of the GY4102A where conditions are
VS = ±5V, TA = 0°C to 70°C, CL = 10pF, RS = 33Ω, RL = 10kΩ, unless otherwise shown.
Table 2-3: Switching Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Delay Time
td (on 1)
VSIG = 0 -1V
5.4
9
ns
td (on 2)
8.2
13
ns
td (off 1)
VSIG = 1 - 0V
6
11
ns
td (off 2)
12.5
22
ns
Settling Time
tS (on)
TO 0.5 IRE on 0 to 1V output,
TA = 25°C
–9
15
ns
tS (off)
TO 0.5 IRE on 1 to 0V output,
TA = 25°C
–7
15
ns
Switching Transient*
(Unfiltered)
*CH0 = CH1 = GND
POS
Amplitude
+30
+50
mV
Duration
3
5
ns
NEG
Amplitude
-20
-30
mV
Duration
2
3
ns


Similar Part No. - GY4102ACKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GY4102ACKA GENNUM-GY4102ACKA Datasheet
117Kb / 5P
   Fast Toggling Video Switch
More results

Similar Description - GY4102ACKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GY4102A GENNUM-GY4102A Datasheet
117Kb / 5P
   Fast Toggling Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
   VIDEO SWITCH
September 1998
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
logo
Analog Devices
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com