Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GY4102ACKAE3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GY4102ACKAE3
Description  Fast Toggling Video Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GY4102ACKAE3 Datasheet(HTML) 4 Page - Gennum Corporation

  GY4102ACKAE3 Datasheet HTML 1Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 2Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 3Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 4Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 5Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 6Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 7Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 8Page - Gennum Corporation GY4102ACKAE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GY4102A Fast Toggling Video Switch
Data Sheet
13408 - 4
November 2009
4 of 11
Proprietary & Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2-1 lists the absolute maximum ratings for the GY4102A. Conditions exceeding
the limits listed may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those
listed in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2.2 Electrical Characteristics
Table 2-2 shows the electrical characteristics of the GY4102A where conditions are VS =
±5V DC, TA = 0 to 70°C, CL = 10pF, RL = 10kΩunless otherwise shown.
Table 2-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage Range
±6.0 V
Operating Temperature Range
-0°C to 70°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature (Soldering, 10 Sec)
260°C
Analog Input Voltage (IN 0, IN 1)VEE < VIN< VCC +0.3V
Control Input Voltage Range
-5V < VCTRL < VCC + 0.3V
Table 2-2: Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
DC SUPPLY
Supply Voltage
±VS
4.5
5
5.5
V
Supply Current
Ι +–
23
30
mA
Ι -–
25
32
mA
LOGIC
Control Input Bias
Ι CTRL
Control = 1
5
25
μA
Logic Level Threshold
VLOGIC
12
V
0–
0.8
V


Similar Part No. - GY4102ACKAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GY4102ACKA GENNUM-GY4102ACKA Datasheet
117Kb / 5P
   Fast Toggling Video Switch
More results

Similar Description - GY4102ACKAE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GY4102A GENNUM-GY4102A Datasheet
117Kb / 5P
   Fast Toggling Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
   VIDEO SWITCH
September 1998
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
logo
Analog Devices
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com