Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12NSF Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 12NSF
Description  Fast Recovery Diodes (Stud Version)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

12NSF Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  12NSF Datasheet HTML 1Page - Naina Semiconductor ltd. 12NSF Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Fast Recovery Diodes (Stud Version)
Features
Diffused Series
Industrial grade
Available in Normal and Reverse polarity
Optional Avalanche Characteristic
Electrical Specifications (TE = 25
0C, unless otherwise noted)
Symbol
Parameters
IF(AV)
Maximum avg. forward current @ T
150
0C
VFM
Maximum peak forward voltage drop
@ rated IF(AV)
IFSM
Maximum peak one cycle (non-rep)
surge current @ 10 msec
IFRM
Maximum peak repetitive surge
current
I
2t
Maximum I
2t rating (non-rep) for 5 to
10 msec
Trr
Reverse recovery time
Voltage Ratings (TE = 25
0C, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
10
100
20
200
40
400
60
600
12NSF(R)
80
800
100
1000
120
1200
140
1400
160
1600
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Recovery Diodes (Stud Version)
Available in Normal and Reverse polarity
DO-203AA (DO
C, unless otherwise noted)
Values
Units
Maximum avg. forward current @ TE =
12
A
Maximum peak forward voltage drop
1.4
V
rep)
150
A
60
A
rep) for 5 to
250
A
2sec
300
ns
C, unless otherwise noted)
VR(RMS), Maximum
RMS reverse
voltage
(V)
VR, Maximum
DC blocking
voltage
(V)
Recommended RMS
working voltage
(V)
70
100
40
140
200
80
280
400
160
420
600
240
560
800
320
700
1000
400
840
1200
480
980
1400
560
1120
1600
640
12NSF(R)
4205450
Fax: 0120-4273653
www.nainasemi.com
203AA (DO-4)
Recommended RMS
working voltage
(V)
IR(AV), Maximum
avg. reverse
leakage current
(µA)
40
80
160
240
320
100
400
480
560
640


Similar Part No. - 12NSF

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF_17 Datasheet
149Kb / 2P
   Fast Recovery Diodes, 12A
More results

Similar Description - 12NSF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com