Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKT55 Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # SKT55
Description  Phase Control Thyristors, 56A (Stud and Lead Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

SKT55 Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  SKT55 Datasheet HTML 1Page - Naina Semiconductor ltd. SKT55 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
ALL DIMENSIONS IN MM
56NT
4205450
Fax: 0120-4273653


Similar Part No. - SKT55

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKT55 SEMIKRON-SKT55 Datasheet
553Kb / 4P
   Line Tyristor
SKT55 SEMIKRON-SKT55 Datasheet
531Kb / 5P
   Line Thyristor
SKT55/04D SEMIKRON-SKT55/04D Datasheet
553Kb / 4P
   Line Tyristor
SKT55/06D SEMIKRON-SKT55/06D Datasheet
553Kb / 4P
   Line Tyristor
SKT55/08D SEMIKRON-SKT55/08D Datasheet
553Kb / 4P
   Line Tyristor
More results

Similar Description - SKT55

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
56NT NAINA-56NT_17 Datasheet
174Kb / 2P
   Phase Control Thyristors (Stud & Lead Type), 56A
40NT NAINA-40NT Datasheet
147Kb / 2P
   Phase Control Thyristors, 40A (Stud and Lead Type)
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
   Phase Control Thyristors (Stud & Lead Type), 40A
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
   Phase Control Thyristors (Stud Type), 25A
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
   Phase Control Thyristors (Stud Type), 150A
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com