Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10SC6MR Datasheet(PDF) 11 Page - Shindengen Electric Mfg.Co.Ltd

Part # D10SC6MR
Description  Schottky Rectifiers (SBD) (60V 10A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D10SC6MR Datasheet(HTML) 11 Page - Shindengen Electric Mfg.Co.Ltd

Back Button D10SC6MR Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd D10SC6MR Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
0.1
1
10
1
10
100
SBD
Repetitive Surge Reverse Power Capability
Pulse Width tp [
µs]
tp
IRP
0
VR
0.5IRP
VRP
IR
PRRSM = IRP × VRP


Similar Part No. - D10SC6MR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
D10SC6MR THINKISEMI-D10SC6MR Datasheet
481Kb / 1P
   10 Ampere,60 Volt Dual Common Anode Schottky Barrier Half Bridge Rectifier
More results

Similar Description - D10SC6MR

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SD6M SHINDENGEN-D10SD6M Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (60V 10A)
DF10SC6 SHINDENGEN-DF10SC6 Datasheet
521Kb / 10P
   Schottky Rectifiers (SBD) (60V 10A)
D10SC6M SHINDENGEN-D10SC6M Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (60V 10A)
SF10SC6 SHINDENGEN-SF10SC6 Datasheet
554Kb / 10P
   Schottky Rectifiers (SBD) (60V 10A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
   Schottky Rectifiers (SBD) (40V 10A)
D10SC9M SHINDENGEN-D10SC9M Datasheet
599Kb / 11P
   Schottky Rectifiers (SBD) (90V 10A)
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
D240SC6M SHINDENGEN-D240SC6M Datasheet
16Kb / 1P
   Schottky Rectifiers (SBD) (60V 240A)
D25SC6MR SHINDENGEN-D25SC6MR Datasheet
543Kb / 10P
   Schottky Rectifiers (SBD) (60V 25A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com