Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11H Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # C11H
Description  Double Balanced Mixers 10.9 to 12.8 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

C11H Datasheet(HTML) 1 Page - Micronetics, Inc.

  C11H Datasheet HTML 1Page - Micronetics, Inc. C11H Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double Balanced Mixers
C11H
10.9 to 12.8 GHz
Specifications
RF Frequency
10.9 to 12.8 GHz
LO Frequency
11.9 to 14.0 GHz
LO Power
+7 dBm typ
Transfer Characteristics
Conversion Loss
5.5 dB typ
6.2 dB max
IF Frequency
DC to 2.0 GHz
LO to RF Isolation
24 dB min
32 dB typ
LO to IF Isolation
22 dB min
30 dB typ
IP3 In
+11 dBm typ
P1dB In
+1 dBm typ
Available Package Styles
Available Package Styles
W1,X,Y,Z
Environmental Ratings
Operating Temp
-55 °C to 100 °C
Notes
Specifications subject to change without notice
Mica Microwave | Manteca, CA | 1-209-825-3977 | www.Mica-MW.com


Similar Part No. - C11H

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C11H NJSEMI-C11H Datasheet
137Kb / 2P
   The Cll Silicon Controlled Rectifier
More results

Similar Description - C11H

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
C11Q MICRONETICS-C11Q Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11V MICRONETICS-C11V Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11K MICRONETICS-C11K Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11A MICRONETICS-C11A Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
   Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
   Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
   Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com