Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11K Datasheet(PDF) 2 Page - Micronetics, Inc.

Part # C11K
Description  Double Balanced Mixers 10.9 to 12.8 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

C11K Datasheet(HTML) 2 Page - Micronetics, Inc.

  C11K Datasheet HTML 1Page - Micronetics, Inc. C11K Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - C11K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
C11 SWITCH-C11 Datasheet
152Kb / 8P
   COMMERCIAL PHONE JACKS
logo
New Jersey Semi-Conduct...
C11 NJSEMI-C11 Datasheet
137Kb / 2P
   The Cll Silicon Controlled Rectifier
logo
Hubbell Incorporated.
C1100136 HUBBELL-C1100136 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 3.5ft
C1100137 HUBBELL-C1100137 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 5ft
C1100138 HUBBELL-C1100138 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 7ft
More results

Similar Description - C11K

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
C11Q MICRONETICS-C11Q Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11V MICRONETICS-C11V Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11H MICRONETICS-C11H Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
C11A MICRONETICS-C11A Datasheet
334Kb / 2P
   Double Balanced Mixers 10.9 to 12.8 GHz
B20V MICRONETICS-B20V Datasheet
270Kb / 1P
   Double Balanced Mixers 2.0 to 8.0 GHz
B30A MICRONETICS-B30A Datasheet
334Kb / 2P
   Double Balanced Mixers 3.0 to 7.0 GHz
B30K MICRONETICS-B30K Datasheet
334Kb / 2P
   Double Balanced Mixers 3.0 to 7.0 GHz
B50A MICRONETICS-B50A Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
B50H MICRONETICS-B50H Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
B50K MICRONETICS-B50K Datasheet
334Kb / 2P
   Double Balanced Mixers 5.0 to 18.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com