Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC501SM-15 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NC501SM-15
Description  Surface Mount Noise Sources 200 kHz to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NC501SM-15 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NC501SM-15 Datasheet HTML 1Page - Micronetics, Inc. NC501SM-15 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Noise Sources
NC501SM-15
200 kHz to 500 MHz
Specifications
RF Frequency
200 kHz to 500 MHz
Noise Output
31 dB Min ENR
Noise Spectral Density (No)
-143 dBm/Hz Min
Flatness
2 dB P-P Max
Peak Factor
5:1
Bias Voltage
15 V
Supply Current
10 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
Axial Lead
Environmental
Operating Temperature
0 to 70 °C
Storage Temperature
-65 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - NC501SM-15

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NC501SM-15 MICRONETICS-NC501SM-15 Datasheet
212Kb / 2P
   SURFACE MOUNT NOISE SOURCE SERIES
More results

Similar Description - NC501SM-15

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NC501SM-28 MICRONETICS-NC501SM-28 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
SMN7106-D1C MICRONETICS-SMN7106-D1C Datasheet
296Kb / 3P
   Surface Mount Noise Sources 200 kHz to 12 MHz
SMN7103H-D1C MICRONETICS-SMN7103H-D1C Datasheet
379Kb / 3P
   Surface Mount Noise Sources 100 Hz to 500 kHz
NC502SM-28 MICRONETICS-NC502SM-28 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 1 GHz
NC502SM-12 MICRONETICS-NC502SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 1 GHz
NC502SM-15 MICRONETICS-NC502SM-15 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 1 GHz
NC503SM-12 MICRONETICS-NC503SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 2 GHz
NC503SM-28 MICRONETICS-NC503SM-28 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 2 GHz
NC504SM-12 MICRONETICS-NC504SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 3.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com