Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC276QS24 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC276QS24
Description  GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC276QS24 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC276QS24_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC276QS24_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12 - 59
Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques.
Signal lines at the RF port should have 50 ohm impedance and the package ground leads should be connected
directly to the ground plane similar to that shown above. A generous number of ground vias should be used
to interconnect top/bottom ground planes. The evaluation circuit board shown above is available from Hittite
Microwave Corporation upon request.
Multi Pin DC Interface (J1)
Item
Description
J2 - J7
PC Mount SMA RF Connector
J1
DC Pin
C1 - C6
100 pF Capacitor, 0402 Pkg.
U1
HMC276QS24 / HMC276QS24E
4x2 Switch Matrix
PCB [2]
102945 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Pin
Line
1Vdd
2HV1
3GND
4HV2
5GND
6Tone1
7N/C
8N/C
9Tone2
List of Materials for Evaluation PCB 102924 [1]
HMC276QS24 / 276QS24E
v06.0409
GaAs MMIC 4x2 SWITCH
MATRIX, 0.7 - 3.0 GHz


Similar Part No. - HMC276QS24_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results

Similar Description - HMC276QS24_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Hexawave, Inc
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com