Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC478SC70E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC478SC70E
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC478SC70E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC478SC70E Datasheet HTML 1Page - Hittite Microwave Corporation HMC478SC70E Datasheet HTML 2Page - Hittite Microwave Corporation HMC478SC70E Datasheet HTML 3Page - Hittite Microwave Corporation HMC478SC70E Datasheet HTML 4Page - Hittite Microwave Corporation HMC478SC70E Datasheet HTML 5Page - Hittite Microwave Corporation HMC478SC70E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 97
Output Return Loss vs. Temperature
Broadband Gain & Return Loss
Gain vs. Temperature
Reverse Isolation vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
HMC478SC70 / 478SC70E
SiGe HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 4 GHz
v00.0607
-30
-20
-10
0
10
20
30
01234567
8
S21
S11
S22
FREQUENCY (GHz)
0
5
10
15
20
25
30
01
23
45
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
01
23
45
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
01
23
45
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
01
23
45
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
01
23
45
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC478SC70E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC478SC70E HITTITE-HMC478SC70E Datasheet
262Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results

Similar Description - HMC478SC70E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478SC70 HITTITE-HMC478SC70 Datasheet
262Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC478MP86 HITTITE-HMC478MP86_10 Datasheet
236Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC474MP86 HITTITE-HMC474MP86 Datasheet
309Kb / 6P
   SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com