Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH382 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC-ALH382
Description  GaAs HEMT LOW NOISE AMPLIFIER, 57 - 65 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH382 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC-ALH382_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ALH382_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ALH382_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ALH382_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH382_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH382_11 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
GaAs HEMT LOW NOISE
AMPLIFIER, 57 - 65 GHz
v03.1210
General Description
Features
Functional Diagram
noise figure: 3.8 dB
p1dB: +12 dBm
Gain: 21 dB
supply Voltage: +2.5V
50 ohm matched input/output
Die size: 1.55 x 0.73 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = 2.5V, Idd = 64 mA*
Typical Applications
This hmC-Alh382 is ideal for:
• Short Haul / High Capacity Links
• Wireless LANs
• Military & Space
The hmC-Alh382 is a high dynamic range, four
stage GaAs hemT mmiC low noise Amplifier
(lnA) which operates between 57 and 65 Ghz. The
hmC-Alh382 features 21 dB of small signal gain,
4 dB of noise figure and an output power of +12
dBm at 1dB compression from a +2.5V supply
voltage. All bond pads and the die backside are Ti/
Au metallized and the amplifier device is fully
passivated for reliable operation. This versatile lnA
is compatible with conventional die attach methods,
as well as thermocompression and thermosonic
wirebonding, making it ideal for MCM and hybrid
microcircuit applications. All data shown herein is
measured with the chip in a 50 ohm environment and
contacted with rf probes.
HMC-ALH382
parameter
min.
Typ.
max.
Units
frequency range
57 - 65
Ghz
Gain
19
21
dB
noise figure
4
5.5
dB
input return loss
12
dB
output return loss
10
dB
output power for 1 dB Compression (p1dB)
12
dBm
supply Current (idd)(Vdd= 2.5V,Vgg= -0.3V Typ.)
64
100
mA
*Unless otherwise indicated, all measurements are from probed die
[2] Adjust Vgg between -1V to +0.3V (Typ. -0.2V) to achieve iddtotal = 64 mA


Similar Part No. - HMC-ALH382_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH382 HITTITE-HMC-ALH382 Datasheet
175Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 57 - 65 GHz
HMC-ALH382 HITTITE-HMC-ALH382 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ALH382 AD-HMC-ALH382 Datasheet
391Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC-ALH382_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH382 HITTITE-HMC-ALH382 Datasheet
175Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 57 - 65 GHz
HMC-ALH509 HITTITE-HMC-ALH509_09 Datasheet
192Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459_10 Datasheet
168Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459 Datasheet
221Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH310 HITTITE-HMC-ALH310 Datasheet
191Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 37 - 42 GHz
HMC-ALH508 HITTITE-HMC-ALH508 Datasheet
220Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508_10 Datasheet
487Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
logo
Hitachi Semiconductor
2SK3001 HITACHI-2SK3001 Datasheet
107Kb / 14P
   GaAs HEMT Low Noise Amplifier
logo
Analog Devices
HMC-ALH508 AD-HMC-ALH508 Datasheet
335Kb / 6P
   GaAs HEMT LOW NOISE AMPLIFIER,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com