Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBMT2100-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBMT2100-HF
Description  Low Profile SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMT2100-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBMT2100-HF Datasheet HTML 1Page - Comchip Technology CDBMT2100-HF Datasheet HTML 2Page - Comchip Technology CDBMT2100-HF Datasheet HTML 3Page - Comchip Technology CDBMT2100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
22
Marking Code
Marking Code
CDBMT220-HF
XX
Page 4
REV: A
Comchip Technology CO., LTD.
SMD Diodes Specialist
QW-JB026
CDBMT240-HF
CDBMT260-HF
CDBMT280-HF
24
26
28
CDBMT250-HF
25
CDBMT230-HF
23
CDBMT2100-HF
20
xx / xxx = Product type marking code
Suggested PAD Layout
SIZE
(inch)
0.118
(mm)
3.00
1.30
1.80
0.051
0.071
4.30
0.169
E
1.70
0.067
B
C
D
A
C
A
E
D
B
SOD-123H
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1
Low Profile SMD Schottky Barrier Rectifiers
Standard Package
Case Type
REEL PACK (T/R)
3000
SOD-123H
BOX
30000
240000
REEL
( EA )
CARTON
( EA )
(EA)
Reel Size
(inch)
7
Type Mat’l
Plastic


Similar Part No. - CDBMT2100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT2100-HF COMCHIP-CDBMT2100-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMT2100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT120-HF COMCHIP-CDBMT120-HF_12 Datasheet
98Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
ACDBMT140-HF COMCHIP-ACDBMT140-HF Datasheet
97Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF COMCHIP-CDBMT120-HF Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT220-HF COMCHIP-CDBMT220-HF_12 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMT120-HF_1209 COMCHIP-CDBMT120-HF_1209 Datasheet
165Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS220-HF COMCHIP-CDBMTS220-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBMTS120-HF COMCHIP-CDBMTS120-HF Datasheet
74Kb / 4P
   Low Profile SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com