Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4003-HFCGRMT Datasheet(PDF) 4 Page - Comchip Technology

Part # 4003-HFCGRMT
Description  Low Profile SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

4003-HFCGRMT Datasheet(HTML) 4 Page - Comchip Technology

  4003-HFCGRMT Datasheet HTML 1Page - Comchip Technology 4003-HFCGRMT Datasheet HTML 2Page - Comchip Technology 4003-HFCGRMT Datasheet HTML 3Page - Comchip Technology 4003-HFCGRMT Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
A1
Marking Code
Marking Code
CGRMT4001-HF
XX
Page 4
REV: A
Comchip Technology CO., LTD.
SMD Diodes Specialist
QW-JG003
CGRMT4003-HF
CGRMT4006-HF
CGRMT4007-HF
A3
A6
A7
CGRMT4004-HF
A4
CGRMT4002-HF
A2
xx = Product type marking code
Suggested PAD Layout
SIZE
(inch)
0.118
(mm)
3.00
1.30
1.80
0.051
0.071
4.30
0.169
E
1.70
0.067
B
C
D
A
C
A
E
D
B
SOD-123H
Pinning information
Pin
Simplified outline
Symbol
1
2
PIN 1 Cathode
PIN 2 Anode
2
1
Low Profile SMD General Purpose Rectifiers
CGRMT4005-HF
A5
Standard Package
Case Type
REEL PACK (T/R)
3000
SOD-123H
BOX
30000
240000
REEL
( EA )
CARTON
( EA )
(EA)
Reel Size
(inch)
7
Type Mat’l
Plastic


Similar Part No. - 4003-HFCGRMT

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
4003-B WECO-4003-B Datasheet
158Kb / 1P
   Socket terminal blocks with mounting holes
12.19
More results

Similar Description - 4003-HFCGRMT

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
ACGRAT101L-HF COMCHIP-ACGRAT101L-HF Datasheet
1Mb / 4P
   Low VF SMD General Purpose Rectifiers
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com