Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6610 Datasheet(PDF) 7 Page - ADTech

Part # ADT6610
Description  3-channel constant current LED driver that has a wide range of output currents
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6610 Datasheet(HTML) 7 Page - ADTech

Back Button ADT6610 Datasheet HTML 3Page - ADTech ADT6610 Datasheet HTML 4Page - ADTech ADT6610 Datasheet HTML 5Page - ADTech ADT6610 Datasheet HTML 6Page - ADTech ADT6610 Datasheet HTML 7Page - ADTech ADT6610 Datasheet HTML 8Page - ADTech ADT6610 Datasheet HTML 9Page - ADTech ADT6610 Datasheet HTML 10Page - ADTech ADT6610 Datasheet HTML 11Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Aug. 25. 2011
7/21
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT6610
ABSOLUTE MAXIMUM RATINGS (Ta = 25oC, Note1)
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS (VDD = 5V, R=39kΩ, Ta = 25oC)
150
TJMAX
Junction Temperature
℃/W
102.3
Θ
JA (SSOP)
℃/W
81.6
Θ
JA (SOP)
Thermal resistance
PDMAX (SSOP)
W
1.22
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
0 ~ 20
V
Supply Voltage
VDD
0 ~ 7
V
Output Voltage
VOUT
-0.5 ~ 20
V
Output Current per Output Channel
IOUT
150
mA
Logic Input Voltage
VIN
-0.4 ~ VDD+0.4
V
GND Terminal Current
IGND
320
mA
Max Power Dissipation
PDMAX (SOP)
1.53
W
Operating Temperature
Topr
-40 ~ 85
Storage Temperature
Tstg
-65 ~ 150
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC Supply Voltage
VCC
10
15
18
V
LED Driver Output Voltage
VOUT
18
V
Voltage Regulator Output Voltage
VCC=10~18V
VDD
4.5
5.0
5.5
V
Input Leakage Current
Iz
-1.0
1.0
uA
Output Leakage Current
VDS=18V, All turn off
Ioz
1.0
uA
Input Voltage
“H” Level
VIH
0.8VDD
-
VDD
V
“L” Level
VIL
GND
-
0.2VDD
V
Output Voltage
DO, CKO
IOL=5mA
VOL
-
-
0.2VDD
V
IOH=-5mA
VOH
0.8VDD
-
-
V
LED Driver Output Current
VDS=1.5V
IOUT
60
100
mA
Pin to Pin Deviation
IOUT=60mA
IPP
±1.5
±3
%
Chip to Chip Deviation
IOUT=60mA
ICC
±3
±6
%
Supply Voltage Regulation
IOUT=60mA, VCC=10~18V
%/VCC
±0.2
±0.5
%
Supply Current
IOUT=60mA, VCC=18V
ICC
4
8
mA
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.


Similar Part No. - ADT6610

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
   Dimmable CC / CV IC for LED Lighting
ADT6200 ADTECH-ADT6200 Datasheet
307Kb / 6P
   AC Direct LED driver IC
More results

Similar Description - ADT6610

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com