Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT001D00 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # SMBT001D00
Description  COAXIAL CONNECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMBT001D00 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  SMBT001D00 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SMBT001D00 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
24
COAXIAL CONNECTORS
SMB Series
■PLUG
Intermatable with RECEPTACLE
(21,22 Page)& JACK(23 Page)
Dimensions in millimeters
■Straight
B Ref.
(SHRINKAGE TUBE)
12.5
A
(Note)The picture on the above shows the SMBA001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBA001D37
SMBA002D37
SMBA003DB2
Part Number
A
9
9
5
B
Ref.
20
13
(Note)Procedure for wire connection…See pages 113 to 120
■Right-angle
6
9.7
(Note)The picture on the above shows the SMBB001D37.
The shapes of other models vary slightly.
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.085 inch Semi-flexible
SMBB001D37
SMBB002D37
SMBB003DB2
Part Number
A
9
9
5
B
0.5
0.5
0.5
C
Ref.
20
13
(Note)Procedure for wire connection…See pages 113 to 120


Similar Part No. - SMBT001D00

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
SMBT2222A SIEMENS-SMBT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT2222A INFINEON-SMBT2222A Datasheet
210Kb / 6P
   NPN Silicon Switching Transistor
Feb-18-2002
SMBT2222A INFINEON-SMBT2222A Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
More results

Similar Description - SMBT001D00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
logo
Murata Manufacturing Co...
MURES48710-1 MURATA-MURES48710-1 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Murata Manufacturing Co...
MXHQ87WJ3000 MURATA1-MXHQ87WJ3000 Datasheet
1Mb / 38P
   Microwave Coaxial Connectors
Nov.1,2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com