Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX08D Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC74LCX08D
Description  LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX08D Datasheet(HTML) 7 Page - Motorola, Inc

  MC74LCX08D Datasheet HTML 1Page - Motorola, Inc MC74LCX08D Datasheet HTML 2Page - Motorola, Inc MC74LCX08D Datasheet HTML 3Page - Motorola, Inc MC74LCX08D Datasheet HTML 4Page - Motorola, Inc MC74LCX08D Datasheet HTML 5Page - Motorola, Inc MC74LCX08D Datasheet HTML 6Page - Motorola, Inc MC74LCX08D Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MC74LCX08
LCX DATA
BR1339 — REV 3
7
MOTOROLA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 5405; Denver, Colorado 80217. 1–800–441–2447
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 81–3–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC74LCX08/D


Similar Part No. - MC74LCX08D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX08D ONSEMI-MC74LCX08D Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
MC74LCX08D ONSEMI-MC74LCX08D Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DG ONSEMI-MC74LCX08DG Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08DG ONSEMI-MC74LCX08DG Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08DR2 ONSEMI-MC74LCX08DR2 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results

Similar Description - MC74LCX08D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08_14 Datasheet
86Kb / 7P
   Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX08 ONSEMI-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
1996 REV 1
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
74LVC86A ONSEMI-74LVC86A Datasheet
98Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
74LVC125A ONSEMI-74LVC125A Datasheet
101Kb / 9P
   Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com