Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSL1060 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # MSL1060
Description  6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL1060 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button MSL1060 Datasheet HTML 5Page - ATMEL Corporation MSL1060 Datasheet HTML 6Page - ATMEL Corporation MSL1060 Datasheet HTML 7Page - ATMEL Corporation MSL1060 Datasheet HTML 8Page - ATMEL Corporation MSL1060 Datasheet HTML 9Page - ATMEL Corporation MSL1060 Datasheet HTML 10Page - ATMEL Corporation MSL1060 Datasheet HTML 11Page - ATMEL Corporation MSL1060 Datasheet HTML 12Page - ATMEL Corporation MSL1060 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Atmel LED Driver-MSL1060
NAME
MSL1060
DESCRIPTION
OVP
18
Overvoltage detection input
Connect to a resistive voltage divider from the boost output voltage to OVP to set the overvoltage
protection set point.The OVP threshold is 1.28V
N/C
19
No internal connection.
Leave unconnected
SW
20, 21
Drain of the internal boost power MOSFET switch
Connect all SW leads together and to the boost regulator inductor and rectifier
N/C
22
No internal connection.
Leave unconnected
EN
23
Active high enable input
Drive EN high to turn on the MSL1060, and drive it low to turn it off
For automatic startup, connect EN to VIN through a 100kΩ resistor
VIN
24
Supply voltage input
Connect the input supply voltage to VIN
VIN powers the internal LDO regulator that powers VCC.
Bypass VIN to GND with a 1µF or greater ceramic capacitor
GND
Exposed pad
Ground
Absolute Maximum Ratings
Voltage (With Respect to GND Exposed Pad on Package Underside)
VIN .................................................................................................................................................................................................. -0.3V to +40V
VCC, EN...........................................................................................................................................................................................-0.3V to +8V
VDD, OVP, IADJ, FLTB, ILED, OSC, PWM....................................................................................................-0.3V to +3.6V
SW.................................................................................................................................................................................................. -0.3V to +50V
STR0, STR1, STR2, STR3, STR4, STR5......................................................................................................... -0.3V to +45V
Current (Into Lead)
SW............................................................................................................................................................................................................................. ±3A
STR0, STR1, STR2, STR3, STR4, STR5.......................................................................................................................... ±35mA
All other leads......................................................................................................................................................................................... ±20mA
Continuous Power Dissipation at 70°C
24-lead TQFN (see Note 2, Note 3).......................................................................................................................... 2286mW
Ambient Operating Temperature Range T
A = TMIN to TMAX.............................................. -40°C to +85°C
Junction Temperature ............................................................................................................................................................... +125°C
Storage Temperature Range........................................................................................................................ -65°C to +125°C
Lead Soldering Temperature, 10s..................................................................................................................................+300°C
Atmel LED Driver-MSL1060
6-string PWM LED Driver with Digitally Compensated, 1.1MHz,
48V Boost Regulator and ±1.5% LED String Current Balance


Similar Part No. - MSL1060

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL1061 ATMEL-MSL1061 Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
MSL1061AV ATMEL-MSL1061AV Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
MSL1064 ATMEL-MSL1064 Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
MSL1064AW ATMEL-MSL1064AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
More results

Similar Description - MSL1060

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL1061 ATMEL-MSL1061 Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz, 48V Boost Regulator, 짹1.5% Current Balance, I2C Interface
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Microsemi Corporation
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
   12 String White LED Driver With Boost Controller
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com