Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSLB9061 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation MSLB9061 Datasheet HTML 10Page - ATMEL Corporation MSLB9061 Datasheet HTML 11Page - ATMEL Corporation MSLB9061 Datasheet HTML 12Page - ATMEL Corporation MSLB9061 Datasheet HTML 13Page - ATMEL Corporation MSLB9061 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Atmel LED Driver-MSLB9061
Table 5. Atmel LED Driver-MSL1061 Register Map
REGISTER
NAME
ADDRESS
BIT
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
MSTRCNTRL
0x00
-
-
-
-
-
-
-
SLEEP Sleep enable
CNTRL
0x01
-
-
-
-
INTPWM EXTCLK TOEN
FLTEN
Internal/external generated
PWM, internal/external
clock, I2C timeout and fault
pin enable.
STATUS
0x03
-
OTDET SCDET OCDET
-
-
-
FLTDET Open/short detect, over-
temperature detect.
OCSTATUS
0x04
-
-
OC6
OC5
OC4
OC3
OC2
OC1
LED open circuit detected
on STR6 – STR1
SCSTATUS
0x05
-
-
SC6
SC5
SC4
SC3
SC1
SC0
LED short circuit to VOUT
detected on STR6 – STR1
PWMFREQ
0x06
D7
D6
D5
D4
D3
D2
D1
D0
Internal PWM frequency
(prescaler) generator
PWMDUTY
0x07
D7
D6
D5
D4
D3
D2
D1
D0
Internal PWM duty cycle
generator
STREN
0x09
-
-
STR6EN STR5EN STR4EN STR3EN STR2EN STR1EN String enable, shutdown
control
IDAC
0x10
-
-
-
-
DAC3
DAC2
DAC1
DAC0 4-bit current DAC
For detailed descriptions of the Atmel LED Driver-MSL1061 register-controlled operating modes, see the Atmel LED Driver-MSL1061
Datasheet.


Similar Part No. - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
More results

Similar Description - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Monolithic Power System...
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
   Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com