Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSLB9061 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation MSLB9061 Datasheet HTML 10Page - ATMEL Corporation MSLB9061 Datasheet HTML 11Page - ATMEL Corporation MSLB9061 Datasheet HTML 12Page - ATMEL Corporation MSLB9061 Datasheet HTML 13Page - ATMEL Corporation MSLB9061 Datasheet HTML 14Page - ATMEL Corporation MSLB9061 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Atmel LED Driver-MSLB9061
On/Off (EN) Control Input
The on/off control Input, pin 9 of input connector J2, turns on/off the LED driver. Drive it high (between 2.3 and 5V)
to turn on the LED driver, and drive it low (0 to 0.8V) to turn it off. The on/off control input is internally pulled up by a
100k
Ω resistor. For automatic start-up, leave it unconnected.
PWM Control Input
The input connector, J2, pin 10, is the PWM control input. Drive PWM with a digital signal to pulse-width modulate
(PWM) the LED brightness. When using the internal PWM generator, the PWM input signal is ignored. The PWM
input is pulled high through a 100k
Ω resistor. If not used, leave PWM unconnected or drive it high.
Fault Indicator Output
The MSL1061 includes fault detection circuitry that detects an open-circuited LED string or an LED string with one or
more short-circuited LEDs. If any fault is detected, the fault indicator output is driven low. Use this output as an alert
signal to a system controller. Once the controller gets the alert signal, it determines which LED is faulty by reading the
STATUS, OCSTATUS, and SCSTATUS registers through the I2C serial interface.
Connecting the LEDs to the Atmel LED Driver-MSLB9061 LED Driver
The MSLB9061 driver board drives LED arrays with up to six parallel strings of up to 12 series LEDs each through the
output connector, J3. Six connections for LED cathode connections allow the use of separate LED strings, or common-
anode-connected LED strings. Connect unused LED cathode string connections (J3 pins 9-14) to GND to disable that
LED string. J3 pins 1-8 are provided for this purpose so that unused string cathode connections are connected to GND
through the wiring harness.
Setting the Full-Scale LED Current
The MSL1061 regulates the LED string current. The LED string current is set by a current sense resistor. Four different
values are programmed to the MSLB9061 LED driver module, and the switch S2 selects one of those resistors to set the
full-scale per-string LED current to 10mA, 15mA, 25mA or 30mA. Table 6 shows the switch settings and the full-scale
per-string LED current for each setting.
Atmel LED Driver-MSLB9061
LED Driver Module
Compact, 6-channel LED Driver Board with I2C Interface


Similar Part No. - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
More results

Similar Description - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Monolithic Power System...
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
   Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com