Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSLB9061 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSLB9061
Description  Compact, 6-channel LED Driver Board with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSLB9061 Datasheet(HTML) 2 Page - ATMEL Corporation

  MSLB9061 Datasheet HTML 1Page - ATMEL Corporation MSLB9061 Datasheet HTML 2Page - ATMEL Corporation MSLB9061 Datasheet HTML 3Page - ATMEL Corporation MSLB9061 Datasheet HTML 4Page - ATMEL Corporation MSLB9061 Datasheet HTML 5Page - ATMEL Corporation MSLB9061 Datasheet HTML 6Page - ATMEL Corporation MSLB9061 Datasheet HTML 7Page - ATMEL Corporation MSLB9061 Datasheet HTML 8Page - ATMEL Corporation MSLB9061 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Atmel LED Driver-MSLB9061
Atmel LED Driver-MSLB9061
LED Driver Module
Compact, 6-channel LED Driver Board with I2C Interface
The optional microcontroller board and graphical user interface (GUI)
software allow control of the driver board through a personal computer. This
gives access to the internal features of the MSL1061, including fault detection,
digital control of LED current, individual LED string on/off control, and internally
generated PWM dimming.
The compact six-channel LED driver board is intended for evaluation,
prototyping, or production runs. Gerber files and Cadence OrCAD layout files
are available to allow the circuit to be integrated into a larger system for large
production runs.
Applications
LCD Panel LED Backlight Driver
Ordering Information
PART
DESCRIPTION
MSLB9061
Compact, 6-channel LED driver module
General Description
The Atmel® compact,
6-channel LED driver board is a
complete LED backlight driver
solution using the Atmel LED
Driver-MSL1061 LED driver
for medium-sized LCD panels.
Each channel drives up to 12
series-connected LEDs at up to
30mA per channel. The diver
board is configured to operate
from 3.3V up to 28V. The full-
scale LED current is preset to
15, 20, 25, or 30mA per LED
string, selected by an onboard
switch. Current can be
reduced from full-scale through
the I2C serial interface in 16
linear steps. Digital (PWM)
dimming is available through
an external signal or by using
the internal PWM generator via
the serial interface.


Similar Part No. - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
More results

Similar Description - MSLB9061

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
   6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
[Old version datasheet]   Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
Monolithic Power System...
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
   Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com