Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-A100D-HAMS Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SPS-A100D-HAMS
Description  SMARY Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SPS-A100D-HAMS Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SPS-A100D-HAMS Datasheet HTML 1Page - Honeywell Solid State Electronics Center SPS-A100D-HAMS Datasheet HTML 2Page - Honeywell Solid State Electronics Center SPS-A100D-HAMS Datasheet HTML 3Page - Honeywell Solid State Electronics Center SPS-A100D-HAMS Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Transportation
Aerial work lift platform, front end loader and
digger/excavator boom position
Scissor lift position
Refuse truck lift and automatic reach arm position
Mobile crane steering
Timber harvester/processor equipment cutter arm angle
On-board loader weighing system position
Industrial
Telescoping conveyor elevation
Power generation contact angle
Rail-road crossing arms position
Military
Remote weapon systems elevation
Chassis suspension systems position height
Military vehicle door position
Aerospace:
Ground-based solar panels elevation and azimuth
Ground-based satellite dish elevation and azimuth
Medical:
Robotically-assisted surgery equipment position
Patient bed elevation
For more information on these potential applications, please
see the application note
“SMART Position Sensor, 100 and
180 Arc Configurations
”.
Table 1. Specifications
Characteristic
Component
Parameter
100 Arc
180 Arc
SPS-A100D-HAMS
SPS-A100D-VAMS
SPS-A180D-HAMS
SPS-A180D-VAMS
Sensing range
sensor
only
0 to 100
0 to 180
Resolution
0.06
0.11
Supply voltage
6 Vdc to 24 Vdc
18 Vdc to 40 Vdc
6 Vdc to 24 Vdc
18 Vdc to 40 Vdc
Output
0.5 Vdc to 4.5 Vdc (10% to 90% of 5 Vdc)
Supply current
45 mA max.
Linearity
±0.4% full scale output
Reverse polarity
26.4 Vdc
40 Vdc
26.4 Vdc
40 Vdc
Sensitivity
40 mV/ ±4% FS
22.22 mV/ ±4% FS
Measurement frequency
312 Hz typ.
Termination
4-pin, M12 connector
Operating temperature
sensor
and
magnet
actuator
-40 °C to 85 °C [-40 °F to 185 °F]
Storage temperature
-40 °C to 150 °C [-40 °F to 302 °F]
Air gap
7,8 ±2,5 mm [0.307 ±0.098 in]
8,58 ±2,5 mm [0.338 ±0.098 in]
Sealing
IP67, IP69K
Shock
50 G half sine wave with 11 ms duration
Vibration
20 G from 10 Hz to 2000 Hz
Housing material
thermoplastic
Approvals
CE
Mounting:
screws
recommended torque
M6 or 1/4-20
6 N m to 8 N m [53.1 in lb to 70.8 in lb]
Material
magnet
actuator
only
neodymium
Strength
10,000 Gauss
Notes:
Tolerance applies for full sense range.
Device used to read analog output must have input impedance greater than 1 MOhm.
The output voltage outside of the valid measurement range will be indeterminate.
Percent linearity is the quotient of the measured output deviation from the best fit line at the
measured temperature to the full scale output span.
NOTICE
Ferrous metal within a 100 mm [3.9 in]
radius of the magnet may affect sensor
performance.


Similar Part No. - SPS-A100D-HAMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
232Kb / 8P
   Crimping tools and machines
SPS-01T-110 ETC2-SPS-01T-110 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
JST Mfg. Co., Ltd.
SPS-01T-187 JST-SPS-01T-187 Datasheet
22Kb / 1P
   CONN QC RCPT 20-26AWG 0.187
logo
List of Unclassifed Man...
SPS-01T-187(-8) ETC2-SPS-01T-187(-8) Datasheet
232Kb / 8P
   Crimping tools and machines
SPS-01T-187(-8) ETC2-SPS-01T-187(-8) Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SPS-A100D-HAMS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
   Position sensor
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
   Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
   Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
   Position Sensor
logo
Festo Corporation.
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
   Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
   Position sensor
2393549 FESTO-2393549 Datasheet
111Kb / 2P
   Position sensor
2393550 FESTO-2393550 Datasheet
113Kb / 2P
   Position sensor
189040 FESTO-189040 Datasheet
75Kb / 1P
   Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
   Position sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com