Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V15W11-EZ200-W3 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # V15W11-EZ200-W3
Description  MICRO SWITCH??V15W Series Watertight Miniature Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15W11-EZ200-W3 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  V15W11-EZ200-W3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15W11-EZ200-W3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICRO SWITCH™ V15W Series Watertight Miniature Switches
4
www.honeywell.com/sensing
Figure 2. MICRO SWITCH™ V15W Series Watertight Miniature Basic Switch Package Dimensions [mm]
Figure 3. Other MICRO SWITCH™ V15W Series Watertight Miniature Basic Switch Terminal Options


Similar Part No. - V15W11-EZ200-W3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
90Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
08-Feb-17
V15W60C-M3I VISHAY-V15W60C-M3I Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3_15 Datasheet
124Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 3 A
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3_15 Datasheet
116Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results

Similar Description - V15W11-EZ200-W3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
   MICRO SWITCH Miniature Precision Limit Switches
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
   Miniature SPDT Micro Switches
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
   Watertight Polycarbonate Miniature Enclosures
7/24/22
logo
Tyco Electronics
29691 MACOM-29691 Datasheet
311Kb / 1P
   MICRO MINIATURE PUSHBUTTON SWITCH
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
   Micro-miniature Reed Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com