Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD60-2100 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD60-2100
Description  60 Watt PFC Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD60-2100 Datasheet(HTML) 1 Page - Recom International Power

  RACD60-2100 Datasheet HTML 1Page - Recom International Power RACD60-2100 Datasheet HTML 2Page - Recom International Power RACD60-2100 Datasheet HTML 3Page - Recom International Power RACD60-2100 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26
www.recom-electronic.com
REV: 4/2011
Please Read Application Notes
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
RACD60
60 Watt PFC
Single Output
60W Class II AC-DC LED Power Supply
Dual Mode CV or CC Output
Power Factor Corrected
Universal Input Voltage Range
User Adjustable Current Limit (/OF)
Thermal Feedback Dimming (/TOF)
Waterproof Enclosure (/IP67)
cUL/UL8750 Certified, CE Marked
High Efficiency
Long 5 Year Warranty
Features
LED DRIVER
Selection Guide
Part
Output
Output
Factory Set
Efficiency
Output
Number
Voltage Range
Current Range
Current
(230VAC)
Power
(min - max)
(min - max)
Limit
Typ.
Range
RACD60-4200*
11 - 13.5V
3570 - 4200mA
4.2A
85%
40-60W
RACD60-2400*
17 - 24V
2150 - 2500mA
2.4A
87%
30-60W
RACD60-2100*
21 - 28V
1400 - 2140mA
2.1A
89%
30-60W
RACD60-1400*
21 - 28V
1400 - 2140mA
1.4A
89%
30-60W
RACD60-1050*
38 - 54V
700 - 1100mA
1.0A
89%
27-60W
RACD60-700*
38 - 54V
700 - 1100mA
0.7A
89%
27-60W
* use suffix /OF for open frame version (standard) - output current limit adjustable with on-board trimmer
* use suffix /TOF for open frame version with thermal feedback - output current limit externally adjustable.
* use suffix /IP67 for waterproof potted version - fixed output currents only
Input Voltage Range
All Versions
90-264VAC
Rated Power
60 Watts max.
Input Frequency Range
All Versions
50/60 Hz
Power Factor Correction
Full Load, 115VAC/230VAC
> 0.9
Input Current (full load)
115VAC/230VAC
0.8A / 0.4A max.
Inrush Current (cold start)
115VAC/230VAC
25A / 50A max.
Leakage Current
230VAC/63Hz
<0.7mA max.
Input Fuse
Built-in
3.15A Slow Blow
Output Current Accuracy
Full load
±5%
Output Current Adjust
Preset Potentiometer (/OF)
75% to 100% approx.
External Voltage (/TOF)
Line Voltage Regulation
LL to HL at Full Load
±4% typ.
Load Voltage Regulation
60% to 100% Load
±5% typ.
Minimum Load Current
see table
Output Ripple and Noise
20MHz limited,with 0.1µF + 47µF
5Vp-p max.
Operating Frequency
All Versions
65kHz typ.
Efficiency at Full Load
see table
Isolation Voltage (60Hz RMS)
input to output
3.75kVAC / 1 minute
input to filter ground
1880VAC / 1 minute
output to filter ground
500VAC / 1 minute
Temperature Coefficient
All Versions
±0.02%/°C typ.
Overload Protection
All Versions
105% typ.
Short Circuit Protection
Continuous, Hiccup, Automatic Restart
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
The RACD60 is a compact universal input voltage
60W constant constant current power module
suitable for driving high power LEDs. The LED
driver has a dual mode of operation:-
CV mode: at loads below the preset current limit,
the RACD60 behaves as a fixed voltage source.
CC mode: at loads above the preset current limit,
the RACD60 behaves as a fixed current source.
Thus the same power supply can be used with
both CV and CC LED modules.
The RACD60 series have a universal input voltage
range with active power factor correction and are
fully protected against output short circuit, over-
load and over-temperature.
Three versions are available: a low cost open-
frame with either internal (/OF) or external user-
adjustable current limit (/TOF), and a sealed IP67
potted version (/IP67) with factory set output
currents for outdoor or high humidity applications.
UL 8750 Certified
cUL 8750 Certified*
EN 61347 Certified
RoHS
2002/95/EC
6/6
E340696
ordering examples:
RACD60-700/OF= open frame, adustable current limit preset to 700mA.
RACD60-1050/TOF=open frame,1050mA, adjustable 700-1050mA with ext. voltage or PWM signal.
RACD60-1400/IP67 = enclosed IP67 waterproof, non-adjustable 1400mA output.
Note: all currents within range are available - use RACD60-xxxx/IP67 where xxxx is the desired fixed current
e.g. RACD60-900/IP67 = enclosed IP67 waterproof, non-adjustable 900mA output.
* except 700mA/1100mA Versions


Similar Part No. - RACD60-2100

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60-2100 RECOM-RACD60-2100 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60-2100 RECOM-RACD60-2100 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
More results

Similar Description - RACD60-2100

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
   60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
   60 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
   60 Watt PFC Single Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
   20 Watt PFC Single Output
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
   12 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
   45 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
   35 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
   20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
   60 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com